Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M670KGKT Datasheet(PDF) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # M670KGKT
Description  Meet ROHS, Green Product.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

M670KGKT Datasheet(HTML) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button M670KGKT Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 11Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
7. Reliability Test
No.
Test item
Test condition
Reference standard
1
Resistance to soldering heat
Tsld = 260℃, 10sec.
3 times
JEITA ED-4701 300 301
2
Solderability
Tsld=245± 5℃
(Lead Free Solder, Coverage ≧ 95%
of the dipped surface)
JEITA ED-4701 300 303
3
Thermal Shock
85 ± 5
~
℃
-30℃ ± 5℃
30min
30min
100cycles
JEITA ED-4701 300 307
4
Temperature Cycle
-55
~ 25
~ 100
~ 25
℃
℃
℃
℃
30min
5min
30min
5min
100cycles
JEITA ED-4701 100 105
5
High Temperature Storage
100
1000hrs
℃
JEITA ED-4701 200 201
6
Low Temperature Storage
-55
1000hrs
℃
JEITA ED-4701 200 202
7
Temperature Humidity Storage
60°C/90%RH 300hrs
JEITA ED-4701 100 103
8
Room temp life test
25
, IF:
℃
Max. current
1000hrs
--
8. Others
The appearance and specifications of the product may be modified for improvement without prior notice.
Part
No. : LTST-M670KGKT
Page :
10
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com