Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPR23L1611D Datasheet(PDF) 7 Page - Generalplus Technology Inc.

Part # GPR23L1611D
Description  3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR23L1611D Datasheet(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPR23L1611D Datasheet HTML 3Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 4Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 5Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 6Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 7Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 8Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 9Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 10Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 11Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
GPR23L1611D
© Generalplus Technology Inc.
Proprietary & Confidential
7
Oct. 15, 2009
Version: 1.2
5.4. AC Test Conditions
Input Pulse Levels
0.4V~ 2.4V
Input Rise and Fall Times
10ns
Input Timing Level
1.4V
Output Timing Level
1.4V
Output Load
See Figure
Note: No output loading is present in tester load board. Active loading is
used and under software programming control. Output loading capacitance
includes load board's and all stray capacitance.
6. TIMING DIAGRAM
6.1. Random Read
6.2. Page Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com