Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPR23L1611D Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPR23L1611D
Description  3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR23L1611D Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPR23L1611D Datasheet HTML 3Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 4Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 5Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 6Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 7Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 8Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 9Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 10Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 11Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
GPR23L1611D
© Generalplus Technology Inc.
Proprietary & Confidential
8
Oct. 15, 2009
Version: 1.2
7. APPLICATION NOTE
7.1. Power Pad Bonding Guideline
1. Except NC pads, all the other Power pads should be wire bonded, please do not keep them floating.
2. Please keep the PCB layout width
ε 20 mil for the VCC/VCCQ and VSS/VSSQ.(Figure 1)
3. For better noise immunity, it is recommended to add Bead (300mA minimum) and Bypass capacitor near to the VCC/VCCQ pins.
(Figure 2)
7.2. PCB Layout Suggestion
1. The Substrate should be floating, not connected to GROUND.
2. Each Power pad (VCC/VCCQ, VSS/VSSQ) should be wire bonded to a dedicated power pin, then keep one centimeter distance at least
before the user want to merge the PCB layout for those pins , can not be just bonded each Power pad to the same power pin.(Figure 3)
3. The Address and Data bus lines of MROM should be separated away in PCB layout.
4. Each Control pin ( CE or OE ) should be shielded by GROUND lines.
5. If the Connector is adopted in the PCB, it is recommended to connect more sets of connections to VSS/VSSQ and VCC/VCCQ for both
the PCB and the system.
Figure 1 Power Pin Pitch
Figure 2 Bead and Bypass Capacitor to Power Pin
Figure 3 Dedicated Power Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com