Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3203EVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC3203EVB
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203EVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC3203EVB Datasheet HTML 4Page - Semtech Corporation SC3203EVB Datasheet HTML 5Page - Semtech Corporation SC3203EVB Datasheet HTML 6Page - Semtech Corporation SC3203EVB Datasheet HTML 7Page - Semtech Corporation SC3203EVB Datasheet HTML 8Page - Semtech Corporation SC3203EVB Datasheet HTML 9Page - Semtech Corporation SC3203EVB Datasheet HTML 10Page - Semtech Corporation SC3203EVB Datasheet HTML 11Page - Semtech Corporation SC3203EVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SC3203
8
Typical Characteristics (continued)
Load Transient, 0A to 3A to 0A - 3.3V
OUT
Time (200µs/div)
V
OUT = 3.3V, VIN = 12V
V
OUT (100mV/div)
LX (20V/div)
Load Transient, 1.5A to 3A to 1.5A - 3.3V
OUT
Time (200µs/div)
V
OUT = 3.3V, VIN = 12V
V
OUT (100mV/div)
LX (20V/div)
Load Transient, 0A to 3A to 0A - 1.5V
OUT
Time (1ms/div)
V
OUT = 1.2V, VIN = 12V
V
OUT (50mV/div)
LX (20V/div)
Load Transient, 1.5A to 3A to 1.5A - 1.5V
OUT
Time (200µs/div)
V
OUT (50mV/div)
LX (20V/div)
V
OUT = 1.2V, VIN = 12V
Startup - EN controlled
Time (1ms/div)
V
OUT (2V/div)
LX (20V/div)
V
OUT = 3.3V, VIN = 12V
Startup - V
IN ramp
Time (1ms/div)
VIN, EN(10V/div)
LX (20V/div)
V
OUT = 3.3V, VIN ramp-up to 12V, EN connected to VIN
LOAD (2A/div)
LOAD (2A/div)
LOAD (2A/div)
LOAD (2A/div)
EN(5V/div)
PGOOD(5V/div)
V
OUT (2V/div)
PGOOD(5V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com