Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3203EVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC3203EVB
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203EVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC3203EVB Datasheet HTML 12Page - Semtech Corporation SC3203EVB Datasheet HTML 13Page - Semtech Corporation SC3203EVB Datasheet HTML 14Page - Semtech Corporation SC3203EVB Datasheet HTML 15Page - Semtech Corporation SC3203EVB Datasheet HTML 16Page - Semtech Corporation SC3203EVB Datasheet HTML 17Page - Semtech Corporation SC3203EVB Datasheet HTML 18Page - Semtech Corporation SC3203EVB Datasheet HTML 19Page - Semtech Corporation SC3203EVB Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
SC3203
18
DIM ENSIONS
DIM
M ILLIM ETERS
M IN NOM M AX
A
1.25
-
1.75
A1 0.00
-
0.15
A2 1.25
-
1.65
b
0.31
-
0.51
c
0.17
-
0.25
D
4.80 4.90 5.00
E
6.00 BSC
E1 3.80 3.90 4.00
e
1.27 BSC
F
2.95
-
3.85
H
2.15
-
2.70
h
0.25
-
0.50
L
0.40 0.72 1.27
L1
(1.05)
N
8
01
0°
-
8°
aaa
0.10
bbb
0.25
ccc
0.25
NOTES:
1. CO NTRO LLING DIM ENSIO NS ARE IN M ILLIM ETERS (ANGLES IN DEGREES).
2. DATUM S
AND
TO BE DETERM INED AT DATUM PLANE
.
3. DIM ENSIONS "E1" AND "D" DO NO T INCLUDE M O LD FLASH, PROTRUSIONS OR G ATE BURRS.
4. THE M EASUREM ENT O F DIM ENSIO N "F" DO ES NOT INCLUDE EXPOSED TIE BAR.
-A-
-B-
-H-
SEE DETAIL
A
SIDE VIEW
F
H
EXPOSED PAD
E1 E
D
e
A
1 2
N
E/2
e/2
B
2X N/2 TIPS
D
aaa C
SEATING
PLANE
C
A1
A2 A
bxN
bbb
C A-B D
DETAIL
A
0.25
H
G AUGE
PLANE
h
h
c
L
(L1)
01
ccc C
1
Outline Drawing — SOIC8-EP5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com