Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212LEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4212LEVB
Description  High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212LEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC4212LEVB Datasheet HTML 1Page - Semtech Corporation SC4212LEVB Datasheet HTML 2Page - Semtech Corporation SC4212LEVB Datasheet HTML 3Page - Semtech Corporation SC4212LEVB Datasheet HTML 4Page - Semtech Corporation SC4212LEVB Datasheet HTML 5Page - Semtech Corporation SC4212LEVB Datasheet HTML 6Page - Semtech Corporation SC4212LEVB Datasheet HTML 7Page - Semtech Corporation SC4212LEVB Datasheet HTML 8Page - Semtech Corporation SC4212LEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SC4212L
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Load regulation(2)
I
O = 10mA to 1A
0.21
1.0
%
Dropout voltage(3)
V
DO
I
O =0.5A
1.6V ≤ V
IN < 2.2V
86
mV
2.2V ≤ V
IN ≤ 6.0V
75
I
O = 1A
1.6V ≤ V
IN < 2.2V
175
2.2V ≤ V
IN ≤ 6.0V
150
Current limit
I
CL
1.2
2.6
A
Power Supply Rejection Ratio
PSRR
V
IN = 1.8V, VO = 0.5V, IO
=1A, C
BYP = 470nF
f = 100Hz
80
dB
f = 1kHz
76
f = 10kHz
64
f = 100kHz
43
f = 500kHz
32
f = 1MHz
26
EN
Enable pin current
I
EN
V
EN = 0V, VIN = 1.6V to 6.0V
1.5
10
µA
V
EN = VIN
80
200
nA
Enable pin threshold
V
IH
V
IN = 1.6V to 6.0V
1.2
V
V
IL
0.4
Over Temperature Protection
High trip level
T
HI
150
O
C
Hysteresis
T
HYST
10
O
C
Power Good
PG threshold
Upper limit, V
FB > internal 500mV reference
110
%
Lower limit, V
FB < internal 500mV reference
90
PG pin leakage current
V
IN=3.3V
0.5
µA
PG resistance
V
IN=3.3V
53
Ω
Electrical Characteristics (continued)
Notes:
(1) Minimum V
IN = VOUT + VDO or 1.6V, whichever is greater.
(2) Low duty cycle pulse testing with Kelvin connections required.
(3) V
DO = VIN - VO when VFB = GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com