Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212LEVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4212LEVB
Description  High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212LEVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC4212LEVB Datasheet HTML 1Page - Semtech Corporation SC4212LEVB Datasheet HTML 2Page - Semtech Corporation SC4212LEVB Datasheet HTML 3Page - Semtech Corporation SC4212LEVB Datasheet HTML 4Page - Semtech Corporation SC4212LEVB Datasheet HTML 5Page - Semtech Corporation SC4212LEVB Datasheet HTML 6Page - Semtech Corporation SC4212LEVB Datasheet HTML 7Page - Semtech Corporation SC4212LEVB Datasheet HTML 8Page - Semtech Corporation SC4212LEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2015 Semtech Corporation
POWER MANAGEMENT
1
SC4212L
High PSRR, Very Low Input, Very
Low Dropout, 1A Linear Regulator
Features
Input Voltage Range from 1.6V to 6.0V
150mV Maximum Dropout @ 1A
Adjustable Output from 0.5V with ± 1% Accuracy
High PSRR (76dB Typical at 1.8Vin to 0.5Vo, 1A)
Noise Bypass Pin
Programmable Soft-Start
12µA Quiescent Current in Shutdown
Enable Input
Power Good Indicator
Over Current and Over Temperature Protection
Reverse Blocking from Output to Input
Full Industrial Temperature Range
3mm x 3mm x 1mm MLPD-8 Package
Fully WEEE and RoHS Compliant
Applications
Telecom and Networking Cards
Motherboards and Peripheral Cards
Industrial Applications
Wireless Infrastructure
Medical Equipment
Description
The SC4212L is a high performance linear regulator
designed for applications requiring very low dropout
voltage at load currents up to 1 Ampere. It operates with
VIN as low as 1.6V and up to 6V, making it useful for a wide
range of different applications and rails. The output
voltage is programmable down to 0.5V, set via an external
resistor divider, or to a fixed setting of 0.5V depending
upon how the FB pin is configured.
The SC4212L has an enable pin to further reduce power
dissipation while shut down. This device also offers an
active-high power good for the system to check the
output voltage. An external soft start capacitor can be
connected to the SS pin to program the profile of the
startup. Additionally, the device provides protection fea-
tures such as over current protection, over temperature
protection and reverse blocking from output to input. A
capacitor at the BYP pin can bypass the noise generated in
the internal bandgap reference in order to improve the
PSRR and the noise at the output. The SC4212L is available
in a 3mm x 3mm MLPD-8 package.
Typical Application Circuit
Rev. 2.0
SC4212L
CIN
CO
EN
VIN
FB
VO
BYP
EN
VIN
VO
VO=0.5V
R2
SS
PG
GND
CSS
CBYP
PG
SC4212L
CIN
CO
EN
VIN
FB
VO
BYP
EN
VIN
VO
R2
SS
PG
GND
CSS
CBYP
PG
R1
VO =
0.5(R1+R2)
R2
C3
* C
3 is a placeholder


Similar Part No. - SC4212LEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4212LEVB SEMTECH-SC4212LEVB Datasheet
844Kb / 13P
High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
More results

Similar Description - SC4212LEVB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022 Datasheet
330Kb / 16P
1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
logo
Linear Technology
LT3022 LINER-LT3022_15 Datasheet
573Kb / 20P
1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.2 LINER-LT3022-1.2_15 Datasheet
573Kb / 20P
1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.5 LINER-LT3022-1.5_15 Datasheet
573Kb / 20P
1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.8 LINER-LT3022-1.8_15 Datasheet
573Kb / 20P
1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022 LINER-LT3022_12 Datasheet
573Kb / 20P
1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Semtech Corporation
SC4212B SEMTECH-SC4212B Datasheet
839Kb / 11P
Very Low Input /Very Low Dropout 1 Amp Regulator
SC4212LM SEMTECH-SC4212LM Datasheet
844Kb / 13P
High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com