Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT3805CS Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI49FCT3805CS
Description  3.3V Fast CMOS Buffer/Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3805CS Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI49FCT3805CS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 8Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PS7007B
01/13/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT3805/3806
3.3V Fast CMOS Buffer/Clock Driver
SWITCHINGWAVEFORMS
Output Skew – tSK(o)
Pulse Skew – tSK(p)
Package Skew – tSK(t)
PropagationDelay
EnableandDisableTimes
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
tSK(p) = | tPHL – tPLH |
Input
tPLHx
3V
1.5V
0V
Ox
VOH
1.5V
VOL
tPHLx
tSK(o)
Oy
VOH
1.5V
VOL
tSK(o)
tPLHy
tPHLy
tSK(o) = | tPLHy – tPLHx | or | tPHLy – tPHLx |
Input
tPLH1
3V
1.5V
0V
Package 1
Output
VOH
1.5V
VOL
tPHL1
tSK(t)
Package 2
Output
VOH
1.5V
VOL
tSK(t)
tPLH2
tPHL2
tSK(t) = | tPLH2 – tPLH1 | or | tPHL2 – tPHL1 |
tPZL
OE
1.5V
0V
3V
1.5V
3.0V
0V
1.5V
tPLZ
VOL
3.0V
0V
tPZH
tPHZ
0.3V
0.3V
Output
Normally
Low
Output
Normally
High
Switch
Closed
Switch
Open
VOH
Enable
Disable



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com