Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT3805CS Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT3805CS
Description  3.3V Fast CMOS Buffer/Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3805CS Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT3805CS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 8Page - Pericom Semiconductor Corporation PI49FCT3805CS Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS7007B
01/13/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT3805/3806
3.3V Fast CMOS Buffer/Clock Driver
Storage Temperature ............................................................ –65°C to +150°C
Ambient Temperature with Power Applied .............................. –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ......... –0.5Vto+7.0V
Supply Voltage to Ground Potential (Outputs & I/O Only) ....... –0.5Vto+7.0V
DC Input Voltage ....................................................................... –0.5Vto+7.0V
DC Output Current ................................................................................ 120mA
Power Dissipation .................................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient and maximum loading.
3. VOH = VCC – 0.6V at rated current.
4. This parameter is determined by device characterization but is not production tested.
5. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Operating Range
Ambient Temperature = –40°C to +85°C, Vcc = 3.3V ±0.3V
l
o
b
m
y
Sn
o
it
p
ir
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
ti
n
U
V H
O
t
u
p
t
u
OH
G
I
He
g
a
tl
o
vV C
C
V
,
V
5
.
1
=
N
I
V
= H
I
r
oV L
I
I H
O
A
m
1
.
0
–
=
I H
O
A
m
8
–
=
V C
C
2
.
0
-
4
.
2
)
3
(
–
0
.
3
–
–
V
V L
O
e
g
a
tl
o
v
W
O
L
t
u
p
t
u
OV C
C
V
,
V
5
.
1
=
N
I
V
= H
I
r
oV L
I
I L
O
A
m
1
.
0
=
I L
O
A
m
6
1
=
I L
O
A
m
4
2
=
–
–
–
–
2
.
0
3
.
0
2
.
0
4
.
0
5
.
0
V H
I
t
u
p
n
IH
G
I
He
g
a
tl
o
vl
e
v
el
H
G
I
H
ci
g
o
L
d
e
e
t
n
a
r
a
u
Gs
n
i
P
t
u
p
n
I
0
.
2–
5
.
5
V L
I
e
g
a
tl
o
v
W
O
L
t
u
p
n
Il
e
v
el
W
O
L
ci
g
o
L
d
e
e
t
n
a
r
a
u
Gs
n
i
P
t
u
p
n
I
5
.
0
––
8
.
0
I H
I
t
u
p
n
IH
G
I
Ht
n
e
rr
u
cV C
C
.
x
a
M
=V N
I
V
=
C
C
)
s
n
i
P
t
u
p
n
I(
––
1
µA
I L
I
t
n
e
rr
u
c
W
O
L
t
u
p
n
IV C
C
.
x
a
M
=V N
I
t
u
p
n
I(
D
N
G
=
)
s
n
i
P
O
/I
&
––
1
–
I H
Z
O
e
c
n
a
d
e
p
m
i
h
g
i
H
t
n
e
rr
u
C
t
u
p
t
u
O
V C
C
x
a
M
=
)
s
n
i
P
t
u
p
t
u
O
e
t
a
t
S
-
3
(
V T
U
O
V
=
C
C
V T
U
O
D
N
G
=
–
–
–
–
1
1
–
I L
Z
O
V K
I
e
g
a
tl
o
v
e
d
o
i
d
p
m
al
CV C
C
I
,.
n
i
M
=
N
I
A
m
8
1
–
=
–7
.
0
–2
.
1
–V
I H
D
O
H
G
I
H
t
u
p
t
u
Ot
n
e
rr
u
cV C
C
V
,
V
3
.
3
=
N
I
V
= H
I
V
r
o
,
L
I V
T
U
O
V
5
.
1
=
)
4
(
5
3
–0
6
–0
1
1
–
A
m
I L
D
O
W
O
L
t
u
p
t
u
Ot
n
e
rr
u
cV C
C
V
,
V
3
.
3
=
N
I
V
= H
I
V
r
o
,
L
I V
T
U
O
V
5
.
1
=
)
4
(
0
50
90
0
2
I S
O
t
n
e
rr
u
c
ti
u
c
ri
c
tr
o
h
S
)
5
(
V C
C
V
,.
x
a
M
=
T
U
O
D
N
G
=
)
5
(
0
6
–5
3
1
–0
4
2
–
VH
si
s
e
r
e
ts
y
H
t
u
p
n
I
–0
5
1–
V
m
DC Electrical Characteristics (Over the Operating Range)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com