Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP8266EX Datasheet(PDF) 13 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266EX
Description  32-bit MCU & 2.4 GHz Wi-Fi SoCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266EX Datasheet(HTML) 13 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266EX Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
$
3. Functional Description
3.2.2. External Clock Requirements
An externally generated clock is available with the frequency ranging from 24 MHz to 52
MHz. The following characteristics are expected to achieve good performance of radio.
3.3. Radio
ESP8266EX radio consists of the following blocks.
•
2.4 GHz receiver
•
2.4 GHz transmitter
•
High speed clock generators and crystal oscillator
•
Bias and regulators
•
Power management
3.3.1. Channel Frequencies
The RF transceiver supports the following channels according to IEEE802.11b/g/n
standards.
Table 3-2. External Clock Reference
Parameter
Symbol
Min
Max
Unit
Clock amplitude
VXO
0.8
1.5
Vpp
External clock accuracy
ΔFXO,EXT
–15
15
ppm
Phase noise @1-kHz offset, 40-MHz clock
-
-
–120
dBc/Hz
Phase noise @10-kHz offset, 40-MHz clock
-
-
–130
dBc/Hz
Phase noise @100-kHz offset, 40-MHz clock
-
-
–138
dBc/Hz
Table 3-3. Frequency Channel
Channel No.
Frequency (MHz)
Channel No.
Frequency (MHz)
1
2412
8
2447
2
2417
9
2452
3
2422
10
2457
4
2427
11
2462
5
2432
12
2467
6
2437
13
2472
7
2442
14
2484
Espressif
$ /$
8 24
2018.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com