Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP8266EX Datasheet(PDF) 14 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266EX
Description  32-bit MCU & 2.4 GHz Wi-Fi SoCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266EX Datasheet(HTML) 14 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266EX Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
$
3. Functional Description
3.3.2. 2.4 GHz Receiver
The 2.4 GHz receiver down-converts the RF signals to quadrature baseband signals and
converts them to the digital domain with 2 high resolution high speed ADCs. To adapt to
varying signal channel conditions, RF filters, automatic gain control (AGC), DC offset
cancelation circuits and baseband filters are integrated within ESP8266EX.
3.3.3. 2.4 GHz Transmitter
The 2.4 GHz transmitter up-converts the quadrature baseband signals to 2.4 GHz, and
drives the antenna with a high-power CMOS power amplifier. The function of digital
calibration further improves the linearity of the power amplifier, enabling a state of art
performance of delivering +19.5 dBm average TX power for 802.11b transmission and +18
dBm for 802.11n (MSC0) transmission.
Additional calibrations are integrated to offset any imperfections of the radio, such as:
•
Carrier leakage
•
I/Q phase matching
•
Baseband nonlinearities
These built-in calibration functions reduce the product test time and make the test
equipment unnecessary.
3.3.4. Clock Generator
The clock generator generates quadrature 2.4 GHz clock signals for the receiver and
transmitter. All components of the clock generator are integrated on the chip, including all
inductors, varactors, loop filters, linear voltage regulators and dividers.
The clock generator has built-in calibration and self test circuits. Quadrature clock phases
and phase noise are optimized on-chip with patented calibration algorithms to ensure the
best performance of the receiver and transmitter.
3.4. Wi-Fi
ESP8266EX implements TCP/IP and full 802.11 b/g/n WLAN MAC protocol. It supports
Basic Service Set (BSS) STA and SoftAP operations under the Distributed Control Function
(DCF). Power management is handled with minimum host interaction to minimize active-
duty period.
3.4.1. Wi-Fi Radio and Baseband
The ESP8266EX Wi-Fi Radio and Baseband support the following features:
•
802.11b and 802.11g
•
802.11n MCS0-7 in 20 MHz bandwidth
•
802.11n 0.4 μs guard-interval
•
up to 72.2 Mbps of data rate
Espressif
$ /$
9 24
2018.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com