Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP8285 Datasheet(PDF) 2 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8285
Description  32-bit MCU & 2.4 GHz Wi-Fi SoCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8285 Datasheet(HTML) 2 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP8285 Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
About This Guide
This document introduces the specifications of ESP8285.
Release Notes
Date
Version
Release notes
2016.04
V1.0
First release.
2016.11
V1.1
Added Appendix B “Learning Resources”.
2017.01
V1.2
•
Changed the power consumption during Deep-sleep from 10 μA to 20 μA in
Table 5-2.
•
Changed the crystal frequency range from “26 MHz to 52 MHz” to “24 MHz
to 52 MHz” in Section 3.3.
•
Changed the minimum working voltage from 3.0V to 2.5V.
2017.05
V1.3
Changed the chip's input impedance of 50Ω to output impedance of 39+j6 Ω.
2017.11
V1.4
Updated Chapter 3 regarding the range of clock amplitude to 0.8 ~ 1.5V;
Updated the range of operating voltage to 2.7 ~ 3.6V;
Updated the range of VDDPST to 2.7 ~ 3.6V.
2018.04
V1.5
•
Added a note in Chapter 2;
•
Updated description about CPU in Section 3.1.1.
2018.12
V1.6
•
Update document cover;
•
Added a note for Table 1-1;
•
Updated Wi-Fi key features in Section 1.1;
•
Updated description of the Wi-Fi function in 3.5;
•
Updated pin layout diagram;
•
Fixed a typo in Table 2-1;
•
Removed Section AHB and AHB module;
•
Restructured Section Power Management;
•
Fixed a typo in Section UART;
•
Removed description of transmission angle in Section IR Remote Control;
•
Added a SPI pin in Table 4-2;
•
Updated the diagram of packing information;
•
Other optimization (wording).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com