Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP8285 Datasheet(PDF) 13 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8285
Description  32-bit MCU & 2.4 GHz Wi-Fi SoCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8285 Datasheet(HTML) 13 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8285 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
#
3. Functional Description
•
RAM size < 50 kB, that is, when ESP8285 is working under the Station mode and
connects to the router, the maximum programmable space accessible in Heap +
Data section is around 50 kB.
•
There is no programmable ROM in the SoC. Therefore, user program must be stored
in an external SPI flash.
3.1.3. Flash
ESP8285 has a built-in SPI flash to store user programs.
•
Memory size: 1 MB
•
SPI mode: Dual SPI
3.2. Clock
3.2.1. High Frequency Clock
The high frequency clock on ESP8285 is used to drive both transmit and receive mixers.
This clock is generated from internal crystal oscillator and external crystal. The crystal
frequency ranges from 24 MHz to 52 MHz.
The internal calibration inside the crystal oscillator ensures that a wide range of crystals can
be used, nevertheless the quality of the crystal is still a factor to consider to have
reasonable phase noise and good Wi-Fi sensitivity. Refer to Table 3-1 to measure the
frequency offset.
3.2.2. External Clock Requirements
An externally generated clock is available with the frequency ranging from 24 MHz to 52
MHz. The following characteristics are expected to achieve good performance of radio.
Table 3-1. High Frequency Clock Specifications
Parameter
Symbol
Min
Max
Unit
Frequency
FXO
24
52
MHz
Loading capacitance
CL
-
32
pF
Motional capacitance
CM
2
5
pF
Series resistance
RS
0
65
Ω
Frequency tolerance
ΔFXO
–15
15
ppm
Frequency vs temperature (–25°C ~ 75°C)
ΔFXO,Temp
–15
15
ppm
Table 3-2. External Clock Reference
Parameter
Symbol
Min
Max
Unit
Clock amplitude
VXO
0.8
1.5
Vpp
Espressif
# /#
8 25
2018.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com