Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC33001ACSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC33001ACSTRT
Description  3A Low VIN Ultra-Low Rdson Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC33001ACSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC33001ACSTRT Datasheet HTML 1Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 2Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 3Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 4Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 5Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 6Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 7Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 8Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SC33001A/SC33001AH
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Rise Time for SC3300A/AH
T
R
From 0% to 90% of VOUT,
V
IN = .7V, Load = 0 Ω
630
µs
From 0% to 90% of VOUT,
V
IN = 3.6V, Load = 0 Ω
950
From 0% to 90% of VOUT,
V
IN = 5.5V, Load = 0 Ω
200
Turn Off Time for SC3300A/AH
T
OFF
From falling edge of EN to 50% of VOUT,
V
IN = .7V, Load = 0 Ω
75
µs
From falling edge of EN to 50% of VOUT,
V
IN = 3.6V, Load = 0 Ω
75
From falling edge of EN to 50% of VOUT,
V
IN = 5.5V, Load = 0 Ω
75
Fall Time for SC3300A/AH
T
F
From 90% to 0% of VOUT,
V
IN = .7V, Load = 0 Ω
350
µs
From 90% to 0% of VOUT,
V
IN = 3.6V, Load = 0 Ω
350
From 90% to 0% of VOUT,
V
IN = 5.5V, Load = 0 Ω
350
EN Digital Input
EN Input High Threshold
V
IH
0.9
.05
V
EN Input Low Threshold
V
IL
0.4
V
Logic Input High Current
I
IH
0.
µA
Logic Input Low Current
I
IL
0.
µA
Protection
Current Limit Threshold
I
LIM
Peak Current
.7V <= Vin <= 5.5V, Rload=0mΩ, EN Rising
3
6
9
A
Foldback Current Limit
I
LIM_FOLD
2
A
Over Current Response Time
T
ILIM
00
µs
Thermal Shutdown Threshold
T
th
60
°C
Thermal Shutdown Hysterisis
T
hys
38
°C
Voltage Threshold Transition from
ILIM_FOLD to ILIM
V
Rth_ILIM_TR
90%
VIN
Electrical Characteristics (continued)
Notes: () SC3300A: see Output Pull Down operation in Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com