Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC33001ACSTRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC33001ACSTRT
Description  3A Low VIN Ultra-Low Rdson Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC33001ACSTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC33001ACSTRT Datasheet HTML 6Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 7Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 8Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 9Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 10Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 11Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 12Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 13Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
3
SC33001A/SC33001AH
Land Pattern Drawing — CSP 0.9mm x 1.4mm, 6-Bump
TH IS LAN D PATTER N IS FO R R EFER EN C E PU R PO SES O N LY.
C O N SU LT YO U R M AN U FAC TU R IN G G R O U P TO EN SU R E YO U R
N O TES:
2.
C O M PAN Y'S M AN U FAC TU R IN G G U ID ELIN ES AR E M ET.
1. C O N TR O LLIN G D IM EN SIO N S ARE IN M ILLIM ETERS
0.25
0.50
0.50
1.00
6X Ø 0.24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com