Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4810CITSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4810CITSTRT
Description  High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4810CITSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC4810CITSTRT Datasheet HTML 1Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 2Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 3Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 4Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 5Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 6Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 7Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 8Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
 2004 Semtech Corp.
www.semtech.com
SC4810A/B/C/D/E
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
)
2
T
U
O
d
n
a
1
T
U
O
(
n
o
i
t
c
e
S
t
u
p
t
u
O
w
o
L
T
A
S
V
t
u
p
t
u
OI
T
U
O
g
n
i
k
n
i
s
A
m
5
=0
0
5V
m
h
g
i
H
T
A
S
V
t
u
p
t
u
OI
T
U
O
g
n
i
c
r
u
o
s
A
m
5
=V
F
E
R
6
.
0
-V
e
m
i
T
e
s
i
R
)
2
(
C
T
U
O
F
p
0
2
=0
1s
n
e
m
i
T
ll
a
F
)
2
(
C
T
U
O
F
p
0
2
=0
1s
n
n
o
i
t
c
e
S
y
a
l
e
D
m
a
r
g
o
r
P
)
B
0
1
8
4
C
S
(
e
s
i
R
2
T
U
O
o
t
ll
a
F
1
T
U
O
0
2
1s
n
)
B
0
1
8
4
C
S
(
e
s
i
R
1
T
U
O
o
t
ll
a
F
2
T
U
O
0
4
1s
n
)
E
0
1
8
4
C
S
(
ll
a
F
2
T
U
O
o
t
ll
a
F
1
T
U
O
0
2
1s
n
)
E
0
1
8
4
C
S
(
e
s
i
R
1
T
U
O
o
t
e
s
i
R
2
T
U
O
0
4
1s
n
Notes:
(1) Consult the factory for availability of A, C, and D versions.
(2) Guaranteed by design.
(3) This device is ESD sensitive. Use of standard ESD handling precautions is required.
Unless specified: V
DD = 12V, CSS = 1nF, FOSC = 420kHz, RT = 10k, CT = 220pF, DMAX = 2V, RDELAY = 75kΩ, TA = TJ = -40ºC to 105ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com