Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4810CITSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4810CITSTRT
Description  High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4810CITSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4810CITSTRT Datasheet HTML 5Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 6Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 7Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 8Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 9Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 10Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 11Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 12Page - Semtech Corporation SC4810CITSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
 2004 Semtech Corp.
www.semtech.com
SC4810A/B/C/D/E
POWER MANAGEMENT
Application Information
Introduction
The SC4810A/B/C/D/E is a 16 pin BICMOS peak current
mode controlled PWM controller for isolated DC-DC and
off-line switching power supplies. It features a high
switching frequency of operation, programmable limits
for both power transformer voltage-second product and
maximum PWM duty cycle, line under-voltage lockout,
auxiliary switch activation complementary to main power
switch drive, programmable leading-edge delay time
between activation of each switch, multiple protection
features with programmable cycle -by-cycle current limit
and hiccup mode over-current protection plus soft-restart.
It operates in a fixed frequency programmed by external
components. The separate sync pin simplifies
synchronization to an external clock. Feeding the oscillator
of one device to the sync of another forces biphase
operation which reduces input ripple and input and output
filter size.
The SC4810 can be applied in an active clamp forward
topology with the input voltage ranging from 36V to 72V.
This topology allows the converter to achieve an efficiency
of 92.4% at normal input voltage of 48V.
Circuit Description
The schematic of the active clamp forward converter is
illustrated in Figure. 1 below. T4 is the power transformer.
M17 is the N-channel main switching MOSFET and M15
is the auxiliary N-channel MOSFET. C35 is the reset
capacitor for resetting the power transformer’s core. M14
and M16 construct the synchronous rectification circuit.
L2 and C32 and C33 construct the low-pass output
filtering circuit. T6 is the current sensing transformer. R62
is the reset resistor for resetting the magnetic core of
the current sensing transformer. D18 is the rectifying
diode. R63 is the current sensing resistor. R60 and C41
construct the low-pass filtering circuit for the sensed
current signal. The primary bias circuit consists of R55,
R58, D17, Q8, C40, C31, D14 and R51. R55 and R58
construct a voltage divider, which limits the bias voltage
to 6.9V until the line voltage reach 36V. D17 is a zener
diode that limits the bias voltage to under 8V. R51, D14
and C31 construct the peak charge circuit. The peak
charge circuit will provide bias to the PWM IC U9 (SC4810)
and the driver U8 (SC1302A) after the converter starts
Figure 1: Active Clamp Forward Converter
R52
10K
R50
5.11
100uF
C32
C35
3300pF
R78
5.6K
C40
10uF
3.3V/30A
R70
open
C31
0.1uF
C46
open
C43
100pF
R74
4.3K
R77
18K
D16
open
R53
10K
M16
Si4842DY
4
5
3
2
1
6
7
8
R80
1.47K
R72
5.11K
L2
1.3uH
R67
50
R64
165k
C47
0.01uF
R76
3.01K
T4
2
4
7
1
6
8
9
10
11
Q9
FMMT718
R62
10K
C49
180pF
R59
10
C44 220pF
C45
open
D17
open
T6
P8208T
8
7
1
3
R58
8K
Q8
FZT458
R73
3.01K
R66
open
R57
5.11K
D20
1N5819HW
R79
100K
D14
1N4148WS
C50
1000pF
D13
1N4148WS
C51
0.01uF
R61
1.1M
D18
1N4148WS
M14
Si4842DY
R54
20K
U9
SC4810
4
11
3
10
15
5
9
7
6
16
13
8
RCT
FB
SYNC
CS
OUT1
DMAX
SS
DELAY1
RAMP
VREF
OUT2
DELAY2
C42
open
48V
M15
Si4488DY
4
5
3
2
1
6
7
8
C39
0.1uF
C48
0.1uF
R55
30K
R51
5.11
C33
680uF
Q7
FZT458
C41
330pF
R56
10K
R75
100K
U10
SC431
R69
10K
U8
SC1302A
2
7
4
5
R68
1K
U11
MOC207
1
2
6
5
R65
100K
T5
PE68386
M17
Si4488DY
C36
0.1uF
R63
6.8
1u,100V
C34
C37
0.1uF
R81
4.7K
R71
10K
D19
1N5819HW
R82
5.11K
C38
0.1uF
R60
1K
D15
1N4148WS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com