Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4810DITSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4810DITSTRT
Description  High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4810DITSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4810DITSTRT Datasheet HTML 6Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 7Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 8Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 9Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 10Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 11Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 12Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 13Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
 2004 Semtech Corp.
www.semtech.com
SC4810A/B/C/D/E
POWER MANAGEMENT
Application Information (Cont.)
up so that the total power loss is less. D19, R59, C37,
T5, C36, D15 and R53 construct the driving circuit for
the auxiliary reset switch M15. The secondary side bias
circuit composed of R50, D13 and C38 is regulated to
about 7.5V via a linear regulator composed of R57, Q7
D16 and C39. The feedback of the converter is composed
of U10 (SC431), U11, R73, C47, C45, R72, R76, R70
and C46.
SC4810 is the PWM controller which processes the
voltage feedback plus current signal and generates
driving signals to drive the main switch and auxiliary reset
switch. SC1302A is a dual driver IC which is capable of
sourcing 3A peak current. To obtain the best performance,
SC1302A is adopted to drive M17 and M15 in the
Semtech application circuits. SC4810 features dual
complementary driving signals. And SC4810 also provides
adjustable leading-edge delay time for the driving signals,
which helps to achieve zero-voltage switching in active
clamp forward converter. R75 and R79 are the two
resistors available to adjust the delay for the
complementary driving. C50 is the soft-start capacitor.
R61 and R65 construct the voltage divider for the line
under voltage lock out protection. R64 and C44 construct
the circuit for the programmable power transformer
voltage-second production protection limits. This special
protection function provide the voltage-second balance
for the power transformer under different input line
conditions. R78 and R74 also provide an extra maximum
duty cycle protection for the power converter.
The clock signal is generated by C49 and R77. When VDD
of SC4810 hits the threshold voltage, VREF jumps up to
5.0V. VREF charges C49 via R77. C49 will be discharged
via an internal FET whenever the voltage on C49 reaches
3.0V. The selection of C49 and R77 is described in the
“Set Clock Frequency” section on the following page. Q9
works as a buffer between the clock signal and the slope
compensation signal to minimize the interference on the
system clock signal. R80 is a pull-up resistor tied to VREF.
Since SYNC function is not utilized, SYNC pin is grounded
via R71.
Power Transformer Design
A power transformer with the turns ration of 6 to 1 was
designed for this application. With the turns ratio of 6:1,
the duty ratio under different input line and load conditions
were calculated to verify feasibility.
A self-driven configuration was adopted on the secondary
side for driving the synchronous rectification FETs. One
extra winding (Pin8~Pin9) was added at the bottom side
of the power transformer’s secondary side to drive the
freewheeling FET. The forward FET was driven directly
from the top of the power winding. Primary side auxiliary
winding was used to generated primary side bias to
improve the converter’s efficiency.
The final configuration of the power transformer is
illustrated as Fig. 2.
6T(PRI)
2T(PRI AUX)
1T(SEC)
1T(SEC AUX)
1T(SEC)
2
6
1
4
11
10
9
8
7
Fig.2 Illustration of the power transformer
PA0576 (PUSLE ENGINEERING)
For detailed information about PA0576, please check the
appendix on page 17.
Power MOSFET Selection
The selection of the switching power MOSFET is based
on the peak & RMS current rating, the total gate charge,
Rds and drain to source voltage rating. In this application,
SI4842 was chosen for the secondary side synchronous
rectification MOSFET. And SI4488 was chosen for the
primary side main switching and reset MOSFET.
Output Filter Design
The output filtering circuit consists of the output inductor
and output capacitors. The design of the output capacitor
usually depends on the specification of the requirement
of the output ripple. Given the worst case output ripple
requirement and peak to peak output current ripple plus
the duty ratio under the different line and load condition,
output capacitance is calculated to meet the output ripple
requirement. After all, ESR and ESL of the output
capacitor under certain switching frequency should also
be considered during the calculation. The value of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com