Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4810DITSTRT Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4810DITSTRT
Description  High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4810DITSTRT Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4810DITSTRT Datasheet HTML 10Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 11Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 12Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 13Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 14Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 15Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 16Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 17Page - Semtech Corporation SC4810DITSTRT Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
 2004 Semtech Corp.
www.semtech.com
SC4810A/B/C/D/E
POWER MANAGEMENT
Application Information (Cont.)
FB
GND
R1
VREF
R2
Vout
VBias
R3
R4
R5
SC431
Fig.9 Cycle-by-cycle over-current limitation
)
3
........(
V
3
.
1
V
2
V
CS
FB
+
•
=
)
4
........(
R
R
R
V
V
2
1
2
REF
FB
+
•
=
Synchronization
SC4810 features a special synchronization function
which is leading-edge triggered with a threshold set to
2.1V. Applications like multi-phase interleaving can be
achieved using the SYNC pin. When the SYNC pin is con-
nected to the RCT pin of the master SC4810, the out-
puts of the two SC4810’s will be out of phase. The fre-
quency of the master SC4810 clock signal should be at
least 30% faster than that of the slave SC4810 for the
guaranteed synchronization. SYNC pin should be
grounded if synchronization is unused. (The patent for
the synchronization scheme is pending).
The synchronous function is illustrated as in Fig. 10.
VRCT
t
3V
0V
Clock Signal of the Master SC4810
0V
2.1V
0V
t
t
OUT1 of the Master SC4810
OUT1 of the Slave SC4810
Fig. 10 Illustration for Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com