Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4810EITSTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4810EITSTRT
Description  High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4810EITSTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4810EITSTRT Datasheet HTML 7Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 8Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 9Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 10Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 11Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 12Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 13Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 14Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
 2004 Semtech Corp.
www.semtech.com
SC4810A/B/C/D/E
POWER MANAGEMENT
output inductance would affect the peak to peak value
of the output current, which would also influence the
output voltage ripple. The designer needs to take the
output inductance and output capacitance and the ESL
and ESR of the output capacitor into consideration during
the design.
For this application, one Panasonic power choke output
inductor was selected and three 6.3V, 100uF TDK
ceramic capacitors were adopted in the design.
Selection of the Current Sensing Resistor
The selection of the current sensing resistor is based on
the over-current protection triggering point. SC4810
employs a Hiccup mode over-current protection with an
overcurrent threshold of 600mV. A voltage signal above
600mV on the CS pin will trigger hiccup mode overcurrent
protection. Suppose the over-current protection setpoint
is set to be Iov. The threshold voltage of SC4810 is
Vthreshold. The turns ratio of the power transformer is
Ns/Np. The turns ratio of the current sensing transformer
is Ncs:1. Then the Rsense would be calculated as:
)
1
......(
N
I
N
N
V
R
S
OV
CS
P
Threshold
sense
×
×
×
=
Set Clock Frequency
The SC4810 uses a pair of resistors and capacitors to
generate a triangle signal as the clock signal, as illustrated
in Fig. 3.
R
C
RCT
VREF
VRCT
Fig. 3 Configuration for Clock Signal
The voltage waveform on the RCT pin is illustrated as in
Fig. 4.
Application Information (Cont.)
VRCT
t
3V
0V
Fig.4 Voltage Waveform on RCT Pin
VPK
As illustrated, the capacitor C is charged via the resistor
R from VREF. Whenever the voltage on the RCT pin
reaches 3V, the capacitor C will be discharged through
an internal FET shorted to ground. When the clock signal
circuit is connected as in Fig.3, the frequency of the clock
signal is defined, as in equation 2.
)
2
........(
V
V
1
ln
CT
)
k
1
RT
(
1
F
REF
K
P


−
•
•
+
−
=
−
V
REF is the reference voltage of the SC4810, 4V for
SC4810A/D and 5V for SC4810B/C/E.
In this application, to get 600kHz, C = 180pF,
(R + 1k) = 10k ohms and V
P-K = 3V.
Maximum Duty Ratio Limit
SC4810 features maximum duty ratio limitation for ex-
tra protection. The maximum duty ratio is determined by
the voltage on DMAX pin. As illustrated as in Fig. 5, V
DMAX
will be compared with V
RCT and DMAX is determined by
the comparison of the two signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com