Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4810EITSTRT Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4810EITSTRT
Description  High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4810EITSTRT Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4810EITSTRT Datasheet HTML 8Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 9Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 10Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 11Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 12Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 13Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 14Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 15Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
 2004 Semtech Corp.
www.semtech.com
SC4810A/B/C/D/E
POWER MANAGEMENT
Application Information (Cont.)
Clock Signal of SC4810
DMAX
Fig. 5 Illustration for DMAX
VRCT
t
3V
0V
0V
VDMAX
t
In this application, V
DMAX was designed to be 2.8V. So the
D
MAX = 90%.
Limit for Power Transformer
Voltage Second Product
The SC4810 also features programmable limits for power
transformer voltage-second product. As illustrated in Fig.
6 and Fig. 7 RAMP pin is charged up via a resistor R from
the input line voltage. The capacitor C will be discharged
via an internal FET shorted to ground and the output
OUT1 will be pulled low whenever the voltage on RAMP
pin hits 3V. By adjusting the values of the resistor R and
the value of the capacitor C, the maximum voltage-sec-
ond product imposed on the power transformer is pre-
set. The maximum voltage-second product limitation helps
prevent saturation of the power transformer.
Voltage waveform on RAMP pin
Maximum OUT1 of SC4810
Fig. 6 Illustration of the programmable limits for power
transformer voltage-second product
VRAMP
t
3V
0V
0V
t
OUT1
R
C
RAMP
Fig. 7 Illustration for Maximum voltage-
second product on the power transformer
V
IN
The selection of the R and C should consider the maxi-
mum voltage rating of the main switching FET. In this
application, the voltage rating of SI4488 is 150V. Since
Vin*D/(1-D) = 150V, D = 0.8 for low line 36V. So to get
80% at low line, R = 165kOhms and C = 220pF were
selected using volt-second product equation:
3 • Ramp • Cramp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com