Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT Datasheet(PDF) 2 Page - Vatronics Technologies Limited

Part # VCT
Description  Ceramic Trimmer Capacitors 7mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VCT Datasheet(HTML) 2 Page - Vatronics Technologies Limited

  VCT Datasheet HTML 1Page - Vatronics Technologies Limited VCT Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ceramic trimmer capacitors 7mm
VCTN7101
12.0
100.0¡À50%
10
N 2200¡À250
200
¡¡
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/ceramiccaps/trimmercap/VCT7.htm (2 / 2) [2003-12-17 16:00:54]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com