Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # VCT
Description  Ceramic Trimmer Capacitors 7mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VCT Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  VCT Datasheet HTML 1Page - Vatronics Technologies Limited VCT Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ceramic trimmer capacitors 7mm
¡¡
Ceramic Trimmer Capacitors 7mm
¡¡
Featrure:
Lower capacitance drift after setting and stable frequency
characteristics in VHF.
Wide range of nominal capacitance: 5 to 100pF
Linear "Capacitance vs. Temperature" and stable against
secular changes.
Operating temperature range: -25¡æ
∼+85¡æ Rated working
voltage: 100V DC
Dielectric withstanding voltage: 500V DC
Insulation resistance: 10•M¦¸min. Rotation torque:
32~200g.cm
¡¡
¡¡
Dimensions
Dimensions in mm
¡¤ Tolerance: ¡À0.1
Vertical
Type
Normal
Type
Vatronics How to order
VCT 7 N 050
1
2 3 4
1. VCT Stands for Ceramic Trimmer Capacitors
2.Outer diameter of ceramic dielectric
3. Type : N-Normal, V-Vertical
4. Maximum nonimal capacitance
¡¡
Specification
Part No.
Capacitance(pF)
Temperature
Coefficient(ppm/¡æ)
Q Factor
(1MHz,
Cmax)(Min.)
Marking
color
Min.(+0%)
Max.
VCTN7050
2.0
5.0¡À100%
0
NP 0¡À200
300
VCTN7100
2.5
10.0¡À100%
0
NP 0¡À200
300
VCTN7200
3.0
20.0¡À100%
0
N 470¡À200
300
VCTN7300
4.5
30.0¡À50%
0
N 550¡À800
300
VCTN7500
6.0
50.0¡À50%
0
N 1400¡À800
200
VCTN7700
8.5
70.0¡À50%
10
N 2200¡À250
200
VCTN7900
10.5
90.0¡À50%
10
N 2200¡À250
200
¡¡
¡¡
file:///C|/index/ceramiccaps/trimmercap/VCT7.htm (1 / 2) [2003-12-17 16:00:54]


Similar Part No. - VCT

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
VCT HAMMOND-VCT Datasheet
59Kb / 1P
Chemin de cables pour cables verticaux
logo
CTS Corporation
VCT1000B CTS-VCT1000B Datasheet
128Kb / 8P
Dual Input Timing Module
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
LVPECL Output-Dual Input Clock Generator
VCT2001A CTS-VCT2001A Datasheet
145Kb / 5P
HCMOS Output-Dual Input Clock Generator
logo
Hammond Manufacturing L...
VCT28 HAMMOND-VCT28 Datasheet
59Kb / 1P
Chemin de cables pour cables verticaux
More results

Similar Description - VCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
Ceramic Trimmer Capacitors
logo
Suntan Capacitors
TSC7 SUNTAN-TSC7 Datasheet
116Kb / 1P
CERAMIC TRIMMER CAPACITOR - 7MM
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
Ceramic Trimmer Capacitors
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
Ceramic Trimmer Capacitors
logo
Suntan Capacitors
TSC7 SUNTAN-TSC7_17 Datasheet
188Kb / 1P
CERAMIC TRIMMER CAPACITOR ??7MM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com