Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT6S Datasheet(PDF) 2 Page - Vatronics Technologies Limited

Part # VCT6S
Description  Ceramic Trimmer Capacitors 6mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VCT6S Datasheet(HTML) 2 Page - Vatronics Technologies Limited

  VCT6S Datasheet HTML 1Page - Vatronics Technologies Limited VCT6S Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ceramic trimmer capacitors 6mm
VCT6S(F,R)300
6.0
25.0
-1000¡À600
300
Green
VCT6S(F,R)400
7.0
30.0
-1600¡À800
300
Green
VCT6S(F,R)500
8.0
40.0
-1600¡À800
300
Yellow
VCT6S(F,R)600
9.0
50.0
-1600¡À800
300
Yellow
¡¡
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/ceramiccaps/trimmercap/VCT6.htm (2 / 2) [2003-12-17 15:59:52]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com