Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT6S Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # VCT6S
Description  Ceramic Trimmer Capacitors 6mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VCT6S Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  VCT6S Datasheet HTML 1Page - Vatronics Technologies Limited VCT6S Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ceramic trimmer capacitors 6mm
¡¡
Ceramic Trimmer Capacitors 6mm
¡¡
Featrure:
Flame retardant plastic color case identifying maximum
nominal capacitance.
Excellent shock resistance. Very easy to adjust.
Operating temperature range: -25¡æ-+85¡æ
Rated working voltage: 100V DC
Dielectric withstanding voltage: 220V DC
Insulation Resistance: 10M¦¸min.
Rotation torque: 20~150g.cm
¡¡
¡¡
Dimensions
Dimensions in mm
¡¤ Tolerance: ¡À0.1
Straight
Type
Forming
Type
Rear
Adjusting
Type
¡¡
Vatronics How to order
VCT 6 S 030
1
2 3 4
1. VCT Stands for Ceramic Trimmer Capacitors
2.Outer diameter of ceramic dielectric
3. Type : S-Straight, F-Forming, R-Rear
4. Maximum nonimal capacitance
¡¡
Specification
Part No.
Capacitance(pF)
Temperature
Coefficient(ppm/¡æ
Q Factor
(1MHz, Cmax)(Min.)
Case color
Min.(+0%)
Max.
VCT6S(F,R)030
1.5
3.0
-250¡À200
500
Black
VCT6S(F,R)060
2.0
6.0
-500¡À300
500
Blue
VCT6S(F,R)100
3.0
10.0
-500¡À300
500
White
VCT6S(F,R)150
4.0
15.0
-1000¡À600
500
Red
VCT6S(F,R)200
5.0
20.0
-1000¡À600
500
Red
¡¡
¡¡
file:///C|/index/ceramiccaps/trimmercap/VCT6.htm (1 / 2) [2003-12-17 15:59:52]


Similar Part No. - VCT6S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VCT60 XPPOWER-VCT60 Datasheet
476Kb / 2P
60Watts VCTSeries
VCT60US12 XPPOWER-VCT60US12 Datasheet
476Kb / 2P
60Watts VCTSeries
VCT60US15 XPPOWER-VCT60US15 Datasheet
476Kb / 2P
60Watts VCTSeries
VCT60US24 XPPOWER-VCT60US24 Datasheet
476Kb / 2P
60Watts VCTSeries
logo
Hammond Manufacturing L...
VCT63 HAMMOND-VCT63 Datasheet
59Kb / 1P
Chemin de cables pour cables verticaux
More results

Similar Description - VCT6S

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSC6 SUNTAN-TSC6 Datasheet
349Kb / 1P
CERAMIC TRIMMER CAPACITOR - 6MM
TSR-65M SUNTAN-TSR-65M Datasheet
544Kb / 1P
Trimmer Potentiometer-6mm Ceramic
TSR-625 SUNTAN-TSR-625 Datasheet
582Kb / 2P
Trimmer Potentiometer-6mm Ceramic
TSR-633 SUNTAN-TSR-633 Datasheet
420Kb / 1P
Trimmer Potentiometer-6mm Ceramic
TSR-655 SUNTAN-TSR-655 Datasheet
681Kb / 1P
Trimmer Potentiometer-6mm Ceramic
TSC6 SUNTAN-TSC6_17 Datasheet
193Kb / 1P
CERAMIC TRIMMER CAPACITOR ??6MM
TSR-65M SUNTAN-TSR-65M_17 Datasheet
549Kb / 1P
Trimmer Potentiometer-6mm Ceramic
TSR-625 SUNTAN-TSR-625_17 Datasheet
587Kb / 2P
Trimmer Potentiometer-6mm Ceramic
TSR-633 SUNTAN-TSR-633_17 Datasheet
424Kb / 1P
Trimmer Potentiometer-6mm Ceramic
TSR-655 SUNTAN-TSR-655_17 Datasheet
685Kb / 1P
Trimmer Potentiometer-6mm Ceramic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com