Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFMP Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # VFMP
Description  Film Metallized Polyester Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VFMP Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  VFMP Datasheet HTML 1Page - Vatronics Technologies Limited VFMP Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
metallized polyester capacitors, film capacitors,metallized polyester capacit...unststoffolien Polyester,Polypropylen,Metallisierte Polyester,Kondensatoren,
¡¡
VFMP Series Film Metallized Polyester Capacitors
1. HIGH STABILITY. Capacitance / SIZE /
Rated Volt.
2. SELF-HEALING CHARACTERISTICS .
3. DIPPED EPOXY COATING
PROTECTS FROM HUMIDITY.
4. EXCELLENT FOR USED IN
COUPLING, BY-PASS, R.F.FILTERING,
AND SOLID-STATE APPLICATION
WHERE SIZE IS CRITICAL.
SPECIFICATION : ¡¡
1. OPERATING TEMPERATURE :
- 40C ~ + 85C
2. CAPACITANCE RANGE :
0.001~10uF
3. CAPACITANCE TOLERANCE :
5% , 10% , 20%
4. RATED VOLTAGE :
DC100V, 250V, 400V, 630V
5. DISSIPATION FACTOR :
1.0 % MAX AT 1KHz, 25C
6. INSULATION RESISTANCE
> 9,000M ( C 0.33uF )
> 3,000M /uF( C > 0.33uF )
¡¡
Capacitance
2A ( 100VDC )
2E ( 250VDC )
2G ( 400VDC )
2J ( 630VDC )
UF
W
H
T
P
d
W
H
T
P
d
W
H
T
P
d
W
H
T
P
d
0.001
13.0 10.0 5.5 10.0 0.6 13.0 10.0 5.5 10.0 0.6 13.0 10.0 6.0 10.0 0.6 13.0 10.5 6.0 10.0 0.6
0.0015
13.0 10.0 5.5 10.0 0.6 13.0 10.0 5.5 10.0 0.6 13.0 10.0 6.0 10.0 0.6 13.0 10.5 6.0 10.0 0.6
0.0022
13.0 10.0 5.5 10.0 0.6 13.0 10.0 5.5 10.0 0.6 13.0 10.0 6.0 10.0 0.6 13.0 10.5 6.0 10.0 0.6
0.0033
13.0 10.5 5.5 10.0 0.6 13.0 10.0 5.5 10.0 0.6 13.0 10.5 6.0 10.0 0.6 13.0 10.5 6.0 10.0 0.6
0.0047
13.0 10.5 5.5 10.0 0.6 13.0 10.0 5.5 10.0 0.6 13.0 10.5 6.0 10.0 0.6 13.0 10.5 6.0 10.0 0.6
0.0068
13.0 10.5 5.5 10.0 0.6 13.0 10.0 5.5 10.0 0.6 13.0 10.5 6.0 10.0 0.6 13.0 10.5 6.0 10.0 0.6
0.01
13.0 10.0 5.5 10.0 0.6 13.0 10.0 5.5 10.0 0.6 13.0 10.0 6.0 10.0 0.6 13.0 10.5 6.0 10.0 0.6
0.015
13.0 10.0 6.0 10.0 0.6 13.0 10.0 6.0 10.0 0.6 13.0 10.0 6.5 10.0 0.6 13.0 11.0 7.0 10.0 0.6
0.022
13.0 10.0 6.0 10.0 0.6 13.0 10.0 6.0 10.0 0.6 13.0 10.0 6.5 10.0 0.6 13.0 11.0 7.0 10.0 0.6
0.033
13.0 10.0 6.0 10.0 0.6 13.0 10.0 6.0 10.0 0.6 13.0 11.0 6.5 10.0 0.6 13.0 12.0 7.0 10.0 0.6
0.047
13.0 10.0 6.0 10.0 0.6 13.0 10.0 6.0 10.0 0.6 13.0 11.5 7.0 10.0 0.6 18.0 13.0 7.5 15.0 0.8
0.068
13.0 11.0 6.5 10.0 0.6 13.0 11.0 6.5 10.0 0.6 13.0 12.5 7.0 10.0 0.6 18.0 14.0 8.0 15.0 0.8
0.1
13.0 12.5 7.0 10.0 0.6 13.0 12.5 7.0 10.0 0.6 18.0 11.0 6.0 15.0 0.8 18.0 15.0 8.5 15.0 0.8
0.15
13.0 12.5 8.0 10.0 0.6 13.0 12.5 8.0 10.0 0.6 18.0 14.0 8.0 15.0 0.8 24.0 16.5 9.0 20.5 0.8
file:///C|/index/VFMP.htm (1 / 2) [2003-12-22 9:32:31]


Similar Part No. - VFMP

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
VFMPPX VATRONICS-VFMPPX Datasheet
58Kb / 2P
Film Metallized Polypropylene Capacitors
More results

Similar Description - VFMP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
Metallized Polyester Film Capacitors
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
Metallized Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com