Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPUSB101A Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPUSB101A
Description  USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPUSB101A Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPUSB101A Datasheet HTML 1Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 2Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 3Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 4Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 5Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 6Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 7Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 8Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
GPUSB101A
© Generalplus Technology Inc.
Proprietary & Confidential
4
Sep 24, 2014
Version: 1.4
USB BRIDGE CONTROLLER
1. GENERAL DESCRIPTION
The GPUSB101A carries an 8-bit processor, 16K bytes OTP ROM,
256 bytes working SRAM, six 64 bytes buffer SRAM, 2 set 12-bit
timers, and 20 general I/Os.
The general I/Os can be
programmed as parallel bus or SPI.
There are three main functions for the bridge IC.
USB to parallel bus
USB to SPI
Parallel bus to SPI
2. APPLICATION FIELD
USB Bulk transfer for download
USB Isochronous IN transfer for MIC in (needs extra ADC)
USB Isochronous OUT transfer for speaker out(needs extra
DAC)
USB Interrupt IN transfer for small data communication
3. FEATURES
Working Voltage: 2.4V - 3.6V (without USB)
3.0V - 3.6V (with USB)
IOA, IOB Working Voltage: 2.4V - 5.5V
IOC Working Voltage: 2.4V - 3.6V
CPU Speed: 0.09375MHz - 12MHz
ROM Size: 16 K bytes OTP ROM
RAM Size: 256 bytes working SRAM
Six 64 bytes buffer SRAM
Two 12-bit timers/counters
On-chip Voltage Regulator: 3.3 V output
USB Specification 2.0 compliant; full-speed (12 Mbps)
USB supports Bulk IN, Bulk OUT, Interrupt IN, Isochronous IN
and Isochronous OUT transfer mode
20 GPIO port (Parallel bus and SPI share with GPIO)
Supports parallel bus 4 bit mode (5 pin for control and 4 pin for
data)
Supports parallel bus 8 bit mode (5 pin for control and 8 pin for
data)
Supports SPI master mode
Supports SPI slave mode
Supports SPI transparent mode (Host IC can control SPI slave
device through bridge IC )
4. BLOCK DIAGRAM
HOST IC
SPI
PLL
CLK_DIV
USB
PHY
6502
+Timer
+ Int
CPU_USB
IF
UDC
SPI M/S
SPI Flash
PC
BUS_SEL
12 M
OTP
16K
CPU
RAM
256 B
BUF0
64 B
BUF2
64 B
BUF1
64 B
I/O
BUF4
64 B
BUF5
64 B
Parallel Bus
BUF3
64 B
SPI slave
SPI master
SPI transparent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com