Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPUSB101A Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPUSB101A
Description  USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPUSB101A Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPUSB101A Datasheet HTML 4Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 5Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 6Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 7Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 8Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 9Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 10Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 11Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
GPUSB101A
© Generalplus Technology Inc.
Proprietary & Confidential
8
Sep 24, 2014
Version: 1.4
6. FUNCTIONAL DESCRIPTIONS
6.1. Power Saving Mode
The GPUSB101A features a power saving mode(or called standby
mode) for low power application. To enter standby mode, the
desired key wakeup port(IOA[7:0]) must be configured to input first.
And read the P_IOA_Data to latch the IOA state before entering
the standby mode.
6.2. PLL (Phase Lock Loop)
The purpose of PLL is to provide stable output frequency which
reference a base frequency (from crystal).
The PLL output
frequency is 48MHz. It is used for USB device core.
6.3. I/O
Three I/O ports are built in GPUSB101A - PortA, PortB and PortC,
total has 20 bit-programmable I/Os.
The PortA is a general
purpose I/O with programmable wakeup capability, i.e. IOA [7:0] is
the key wakeup port. To activate key wakeup function, latch data
on P_IOA_Data and enable the key wakeup function. Wakeup is
triggered when the PortA state is different from at the time latched.
Furthermore, the I/O ports can be operated at 5V level(only PortA
and PortB), higher than the CPU core which is a 3.3V level system.
Suppose system operating voltage is running at 3.3V, then
IOVDD5 (power for I/O) operates from 3.3V to 5.5V. In such
condition, the I/O pad is capable of operating from 0V through
IOVDD5. The following diagram is an I/O schematic. Although
data can be written into the same register through Port_Data and
Port_Buffer, they can be read from different places, Buffer (R) and
Data (R).
Register
Control
logic
pull high
pull low
Pin pad
Buffer(R)
Data(R)
Port_Data(W)
Port_Buffer(W)
Port_DIR(R/W)
Port_ATTR(R/W)
In addition to a general purpose I/O port function, PortA/B/C also
shares some special functions. A summary of PortA/B/C special
functions is listed as follows:
Port A
Port A
IOA[7]
IOA[6]
IOA[5]
IOA[4]
IOA[3]
IOA[2]
IOA[1]
IOA[0]
Wakeup
ˇ
ˇ
ˇ
ˇ
ˇ
ˇ
ˇ
ˇ
Parallel
-
-
-
para_int
para_wrb
para_rdb
para_csb
para_cdb
Port B
Port B
IOB[7]
IOB [6]
IOB[5]
IOB [4]
IOB [3]
IOB [2]
IOB [1]
IOB [0]
Parallel
para_data[7]
para_data[6]
para_data[5]
para_data[4]
para_data[3]
para_data[2]
para_data[1]
para_data[0]
SPI slave
spi_rxd
spi_txd
spi_clk
spi_csb
-
-
-
-
Port C
Port C
IOC [3]
IOC [2]
IOC [1]
IOC [0]
SPI master
spi_rxd
spi_txd
spi_clk
spi_csb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com