Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4964 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 9Page - Allegro MicroSystems A4964 Datasheet HTML 10Page - Allegro MicroSystems A4964 Datasheet HTML 11Page - Allegro MicroSystems A4964 Datasheet HTML 12Page - Allegro MicroSystems A4964 Datasheet HTML 13Page - Allegro MicroSystems A4964 Datasheet HTML 14Page - Allegro MicroSystems A4964 Datasheet HTML 15Page - Allegro MicroSystems A4964 Datasheet HTML 16Page - Allegro MicroSystems A4964 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
13
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ELECTRICAL CHARACTERISTICS (continued): Valid at TJ = –40°C to 150°C, VBB = 5.5 to 50 V, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
CURRENT LIMITING
Sense Amplifier Maximum Current
Limit Threshold
VMIT
Default power-up value; VMIT = VCSP – VCSM
–
200
–
mV
Programmable range; VMIT = VCSP – VCSM
25
–
200
mV
Current Limit Threshold Error [6]
EILIM
VIL = 15, MIT = 0
–5%
–
+5%
%FS
Current Limit Blank Time
tOCB
Default power-up value, OBT = 7
1.71
1.80
1.89
µs
Programmable range
1
–
6.6
µs
DATA ACQUISITION SYSTEM
Supply Voltage (VBRG):
Measurement Range
VVM
0
–
50.4
V
Supply Voltage (VBRG):
Measurement Accuracy
EVM
VBRG ≤ 30 V
–
±0.5
–
V
Average Supply Current
Measurement: Sense Voltage Range
VVS
0
–
200
mV
Average Supply Current
Measurement: Sense Voltage
Accuracy
EVS
–
±1
–
%
Temperature Measurement Range
TJ
–50
–
190
°C
Temperature Measurement Accuracy
ETJ
–
±5
–
°C
Continued on next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com