Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4964 Datasheet(PDF) 24 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 24 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 20Page - Allegro MicroSystems A4964 Datasheet HTML 21Page - Allegro MicroSystems A4964 Datasheet HTML 22Page - Allegro MicroSystems A4964 Datasheet HTML 23Page - Allegro MicroSystems A4964 Datasheet HTML 24Page - Allegro MicroSystems A4964 Datasheet HTML 25Page - Allegro MicroSystems A4964 Datasheet HTML 26Page - Allegro MicroSystems A4964 Datasheet HTML 27Page - Allegro MicroSystems A4964 Datasheet HTML 28Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
24
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
If ESF = 1 and the A4964 internal junction temperature, TJ, rises
above the overtemperature threshold, TJF, the regulator is imme-
diately shut down and MRSTn will go low. All A4964 functions
other than the regulator remain active. When TJ drops by more
than the overtemperature hysteresis below the overtemperature
threshold (TJ < TJF – TJHyst), the regulator will remain shut
down and MRSTn will remain low for 10 ms. After this timeout,
MRSTn goes high and the regulator is re-enabled and attempts
to restart. If an undervoltage shutdown and an overtemperature
warning occur simultaneously, both must be cleared to allow the
regulator to restart.
Internal A4964 logic circuitry is not powered from the VLR regu-
lator and remains fully operational regardless of whether the VLR
regulator is running normally or shut down.
A ceramic capacitor of at least 1 µF with an ESR of no more than
250 mΩ should be fitted between the VLR terminal and GND to
guarantee stability and oscillation and voltage excursions beyond
the specified output voltage range. In some applications, the use
of redundant output capacitors may be advisable to avoid such a
condition in the event of a single-point capacitor high-impedance
failure.
PUMP REGULATOR
The gate drivers are powered by a programmable voltage internal
regulator which limits the supply to the drivers and therefore the
maximum gate voltage. At low input supply voltage, the regu-
lated supply is maintained by a charge pump boost converter
which requires a pump capacitor, typically 470 nF, connected
between the CP1 and CP2 terminals.
The regulated voltage, VREG, can be programmed to 8 or 11 V
and is available on the VREG terminal. The voltage level is
selected by the value of the VRG bit. When VRG = 1, the voltage
is set to 11 V; when VRG = 0, the voltage is set to 8 V. A suf-
ficiently large storage capacitor (see applications section) must
be connected to this terminal to provide the transient charging
current to the low side drivers and the bootstrap capacitors.
Operating Modes
The A4964 has two operating modes: SPI mode and stand-alone
mode. In SPI mode, it can be fully controlled by a small low-cost
external microcontroller through the serial interface. In stand-
alone mode, the LIN terminal becomes a PWM input that is used
to set the input demand. All configuration settings and basic con-
trol functions, except for the demand input, can be programmed
through the serial interface in both modes. The demand input can
only be set through the serial interface in the SPI mode.
SPI MODE
When operating in SPI mode (OPM = 0) the demand input is
determined by a 10-bit value, input from the external micro-
controller. The LIN terminal is a simple LIN physical interface
where the data on the LIN bus is interpreted and the responses are
provided by the external microcontroller. The only other function
that the LIN input provides is to wake the A4964 when it is in the
sleep state.
STAND-ALONE MODE
When operating in stand-alone mode (OPM = 1), the demand
input is only determined by the duty cycle of a PWM signal
applied to the LIN terminal. The 10-bit demand input through
the serial interface is not available in this mode. However, all
configuration settings and basic control functions, except for the
demand input, can still be programmed through the serial inter-
face. In this mode, the LIN input will also wake the A4964 when
it is in the sleep state.
LOW-POWER SLEEP STATE
The A4964 provides a low-power sleep state where the consump-
tion from the supply is reduced to a minimum by disabling all
normal operation including the charge pump regulator, the inter-
nal logic regulator, the external regulator, and the internal clock.
In the sleep state, the LIN terminal must be at the same voltage as
the supply terminal, VBB, and the IG terminal should be tied to
ground to achieve the minimum supply current.
There are two sleep states: the normal commanded sleep state
and the permanent sleep state. The permanent sleep state is only
entered following a watchdog cycle count failure. The state of the
A4964 is the same in both cases, but it will only exit the perma-
nent sleep state after a power off-on cycle as described in the
Microcontroller Watchdog section.
When operating in SPI mode (OPM = 0), the A4964 can only
be commanded to go into the normal sleep state using the serial
interface to change the GTS bit from 0 to 1 when the LIN input
is high (recessive). If the LIN input is low (dominant), any sleep
command through the serial interface will be ignored, and the
GTS bit must be changed to 0 followed by 1 to issue another go-
to-sleep command when the LIN input is high (recessive).When
operating in stand-alone mode (OPM = 1), the A4964 will go
into the normal sleep state using the serial interface to change the
GTS bit from 0 to 1, irrespective of the level on the LIN terminal.
In stand-alone mode, it will also go to sleep when the IG input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com