Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW9203CSR Datasheet(PDF) 13 Page - Shanghai awinic technology co.,ltd

Part # AW9203CSR
Description  3-Key Capacitive Touch Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9203CSR Datasheet(HTML) 13 Page - Shanghai awinic technology co.,ltd

Back Button AW9203CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AW9203
June 2018 V1.2
www.awinic.com.cn
13
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
In AW9203, the CDC resolution is 12Bit. the sampling period can be set by control register. The capacitive
sample are send to DSP for further processing, including digital filtering, base-line compensation, touch and
gesture judge, and so on.
The capacitive sensitivity can be adjusted by REXT resistance. The bigger the REXT value, the higher the
sensitivity. By default, 10k
Ω to GND resistor is recommended.
Capacitor/
Data
Convertor
(CDC)
Digital Signal
Processor
(DSP)
Interrupt Logic
INTN
Output
Detection
Touch Pad
REXT
CINT
Sx
Figure 11
Functional Block of Capacitive Detection Circuit
When control bit GCR.SENE is 0, all capacitive touch detection circuit is reset. When control bit GCR.SENE
is high, the SLPR register control the enable/disable touch detection. If control bit SLPR.SLPx is 0, channel x
touch detection function is activated. If control bit SLPR.SLPx set to 1, channel x touch detection is disabled
to save power consumption.
9.5.1
Touch
Status and Interrupt
In AW9203 , the touch status can be read in register KEYST (0x31).
Touching status can generate the interrupt output on pin INTN, the interrupt enable control is defined by
register KINTER (0x03). There are 4 interrupt mode selection defined by control bit KINTER.KIMD[1:0].
-
KIMD[1:0] =00
interrupt generates when touch status changed
-
KIMD[1:0] =01
interrupt generates when touch status changed from 1 to 0
-
KIMD[1:0] =10
interrupt generates when touch status changed from 0 to 1
-
KIMD[1:0] =11
interrupt generates when touch status is 1
The INTN pin will be pulled to GND when interrupt generates. The interrupt status can be clear by reading the
register KISR (0x32) and INTN pin will be pulled up to VIO.
9.5.2
Gesture Status
Besides for touch detection, AW9203 provides click gesture detection function, including slide gesture, single,
double and triple click. Once the predefined gesture is detected,interrupt can be generated if corresponding
interrupt enable bit is set in control register GIER. This function will help reduce programming on external MCU,
and
save the system power consumption, improve the usability.
The slide gesture detects the finger moving on the touchpad. When finger moves on the touchpad, the
capacitive change can be detected one by one and the gesture module can identify the order of touch key and
judge the slide gesture.
Register GSTR (0x20/0x21) defines the slide gesture.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
KCODE1
0
KCODE2
0
KCODE3
0
0
0
0
KCODE1~3 define 3bit key code. The code can be 3(s1), 4(s2), 5(s3), 0(no key).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com