Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW9203CSR Datasheet(PDF) 21 Page - Shanghai awinic technology co.,ltd

Part # AW9203CSR
Description  3-Key Capacitive Touch Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9203CSR Datasheet(HTML) 21 Page - Shanghai awinic technology co.,ltd

Back Button AW9203CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 21Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 22Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 23Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 24Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 25Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AW9203
June 2018 V1.2
www.awinic.com.cn
21
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
10.3.18
MCR, Monitor Control Register
Address: 0x1E, R/W, default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
DSEL
Bit
Symbol
Description
1:0
DSEL
KDATA register output data type selection in DEBUG mode
00: Normal mode , KDATA =0 (default)
01: delta data
10: baseline data
11: raw data
10.3.19
GDCFGR, Gesture Detection Configuration Register
Address: 0x20, R/W, default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
GSTMD
AKST
AKSG
0
S3
S2
S1
0
0
Bit
Symbol
Description
5:0
S3~S1
Gesture detection channel choice
0: disable gesture detection
1: enable gesture detection
6
AKSG
0: gesture detection without AKS key status
1: gesture detection with AKS key status
7
AKST
0: tap detection without AKS key status
1: tap detection with AKS key status
9:8
GSTMD
Gesture detection interrupt report mode
00: report after some time when finger leaving
01: report when finger leaving
1x: report when detecting gesture
10.3.20
GDTR, Gesture Detection Time Register
Address: 0x21, R/W, default: 0x07
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
GOFFMAX
Bit
Symbol
Description
7:0
GOFFMAX
Maximum touch off time of gesture detection
When finger moves, the touching cannot be detected some times. The gesture ends
when the time of touch off over TOFFMAX=GOFFMAX*TSCAN.
10.3.21
TDTR, Tap Detection Register
Address: 0x22, R/W, default: 0x080F
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TONMAX
TOFFMAX
Bit
Symbol
Description
15:8
TONMAX
Maximum touch on time of tap detection
The tap is invalid when touch on time over TONMAX=TONMAX*TSCAN.
7:0
TOFFMAX
Maximum touch off time of tap detection
When finger taps, the touching cannot be off some times. The tap ends when the
time of touch off over TOFFMAX=TOFFMAX*TSCAN.
10.3.22
GSTR1~2, Gesture Configuration Register
GSTR1: address: 0x23, R/W, default: 0x2340
GSTR2: address: 0x24, R/W, default: 0x4320
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
KCODE1
0
KCODE2
0
KCODE3
0
0
0
0
Bit
Symbol
Description
14:12
KCODE1 Gesture order of number 1 sensor channel
0: None
3: S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com