Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW33801CSR Datasheet(PDF) 13 Page - Shanghai awinic technology co.,ltd

Part # AW33801CSR
Description  Over-Voltage Protection Load Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33801CSR Datasheet(HTML) 13 Page - Shanghai awinic technology co.,ltd

Back Button AW33801CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AW33801/AW33802
AW33805/AW33809/AW33812
Jan 2018 V1.2
www.awinic.com.cn
13
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
FUNCTIONAL DESCRIPTION
Device Operation
If the input voltage is between UVLO and OVP threshold, the internal charge pump begins to work after
debounce time, the gate of the nFET switch will be slowly charged high till the switch is fully on. If the input
voltage exceeds the OVP trip level, the switch will be turned off in about 90ns. If input voltage falls below UVLO
threshold, or over-temperature happens, the switch will also be turned off.
Over-Voltage Protection
If the input voltage exceeds the OVP rising trip level, the switch will be turned off in about 90ns. The switch will
remain off until VIN falls below the OVP falling trip level.
OVP Threshold Adjustment
If OVLO pin is not grounded, and by connecting external resistor divider to OVLO pin as shown in the typical
application circuit, between IN and GND, the OVP threshold can be adjusted as following:
VIN_OVLO=
R1+R2
R2
VOVLO_TH
The adjustment range is 4V to 20V. When the OVLO pin voltage VOVLO exceeds VOVLO_SEL(0.26V typical), VOVLO
is compared with the reference voltage VOVLO_TH(1.20V typical for AW33801/AW33805/AW33809/AW33812,
1.23V typical for AW33802) to judge whether input supply is over-voltage. Take AW33801 for example, if we
select R1 = 51k
Ω and R2 = 12.4kΩ, then the new OVP threshold calculated from the above formula is 6.14V.
USB On-The-Go (OTG) Operation
If VIN = 0V and OUT is supplied by OTG voltage, the body diode of the load switch conducts current from OUT
to IN and the voltage drop from OUT to IN is approximately 0.7V. When VIN > VIN_UVLO, internal charge pump
begins to open the load switch after debounce time. After switch is fully on, current is supplied through switch
channel and the voltage drop from OUT to IN is minimum.
PCB LAYOUT CONSIDERATION
To make fully use of the performance of AW338XX, the guidelines below should be followed.
1. All the peripherals should be placed as close to the device as possible. Place the input capacitor CIN on the
top layer (same layer as the AW338XX) and close to IN pin, and place the output capacitor COUT on the top layer
(same layer as the AW338XX) and close to OUT pin.
2. IN pin routing passes through the external TVS firstly, and then connect AW338XX.
3. Red bold paths on figure 4 and 5 are power lines that will flow large current, please route them on PCB as
straight, wide and short as possible.
4. If R1 and R2 are used, route OVLO line on PCB as short as possible to reduce parasitic capacitance.
5. The power trace from USB connector to AW338XX may suffer from ESD event, keep other traces away from
it to minimize possible EMI and ESD coupling.
6. Use rounded corners on the power trace from USB connector to AW338XX to decrease EMI coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com