Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW33801CSR Datasheet(PDF) 2 Page - Shanghai awinic technology co.,ltd

Part # AW33801CSR
Description  Over-Voltage Protection Load Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33801CSR Datasheet(HTML) 2 Page - Shanghai awinic technology co.,ltd

  AW33801CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW33801CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AW33801/AW33802
AW33805/AW33809/AW33812
Jan 2018 V1.2
www.awinic.com.cn
2
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
DEVICE COMPARISON TABLE
Device
VIN_OVLO(V)
VIN_OVLO
Hysteresis(mV)
Condition
Min.
Typ.
Max.
AW33801
VIN rising
5.83
5.95
6.07
100
AW33802
VIN rising
6.0
6.2
6.4
110
AW33805
VIN rising
6.66
6.80
6.94
150
AW33809
VIN rising
9.78
9.98
10.18
210
AW33812
VIN rising
13.7
14.0
14.3
300
PIN CONFIGURATION AND TOP MARK
C
B
A
1
2
3
GND
OUT
OUT
GND
OUT
IN
OVLO
IN
IN
PIN Configuration
(Top View)
38XX
– AW33801/AW33802/
AW33805/AW33809/AW33812
YYYY
– Production tracking code
MARKING
(Top View)
Figure 2 Pin Configuration and Top Mark
PIN DEFINITION
Pin
Name
Description
B3,C2,C3
IN
Switch input and device power supply
A1,B1
GND
Device ground
C1
OVLO
OVP threshold adjustment pin
A2,A3,B2
OUT
Switch output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com