Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH3513 Datasheet(PDF) 1 Page - Nanjing Qinheng Microelectronics Co., Ltd.

Part # CH3513
Description  Parallel Port I/O Extension chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WCH [Nanjing Qinheng Microelectronics Co., Ltd.]
Direct Link  http://wch.cn/
Logo WCH - Nanjing Qinheng Microelectronics Co., Ltd.

CH3513 Datasheet(HTML) 1 Page - Nanjing Qinheng Microelectronics Co., Ltd.

  CH3513 Datasheet HTML 1Page - Nanjing Qinheng Microelectronics Co., Ltd. CH3513 Datasheet HTML 2Page - Nanjing Qinheng Microelectronics Co., Ltd. CH3513 Datasheet HTML 3Page - Nanjing Qinheng Microelectronics Co., Ltd. CH3513 Datasheet HTML 4Page - Nanjing Qinheng Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CH351 手册(三)
1
并行口 I/O 扩展芯片 CH351
手册(三)
:并口 I/O 扩展
版本:1B
http://wch.cn
1、应用框图
2、封装
并口 I/O 扩展
有关 PCI 双串口或者打印口的应用说明和引脚图请分别参考手册 CH351DS1.PDF 或 CH351DS2.PDF。
3、引脚
引脚号
引脚名称
类型
引脚说明
17,53
VCC
电源
正电源端
D7~D0
A2~A0
RD#/WR#/CS#
INT#
CH351 芯片
并口扩展
单片机
MCU
总线
第一组
8 位双向
GPIO
X0~X7
第二组
8 位双向
GPIO
X8~X15
第三组
8 位双向
GPIO
X16~X23
第四组
8 位双向
GPIO
X24~X31


Similar Part No. - CH3513

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH351 WCH-CH351 Datasheet
198Kb / 10P
PCI Printout Chip
logo
Chenmko Enterprise Co. ...
CH351H-30PT CHENMKO-CH351H-30PT Datasheet
78Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
logo
Nanjing Qinheng Microel...
CH351Q WCH-CH351Q Datasheet
198Kb / 10P
PCI Printout Chip
More results

Similar Description - CH3513

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89255A FUJITSU-MB89255A Datasheet
113Kb / 1P
PARALLEL DATA I/O INTERFACE
logo
Analog Devices
AD7769 AD-AD7769_15 Datasheet
267Kb / 16P
Analog I/O Port
REV. A
logo
PHOENIX CONTACT
2901533 PHOENIX-2901533 Datasheet
804Kb / 11P
I/O extension module - RAD-DAIO6-IFS
2902811 PHOENIX-2902811 Datasheet
86Kb / 5P
I/O extension module - RAD-DO8-IFS
logo
Nanjing Qinheng Microel...
CH423 WCH-CH423 Datasheet
209Kb / 9P
2-line Remote I/O extension chip
logo
M-System Co.,Ltd.
R9WTU-ED MSYSTEM-R9WTU-ED Datasheet
191Kb / 5P
Remote I/O R9 Series DISCRETE I/O EXTENSION UNIT
logo
PHOENIX CONTACT
2316275 PHOENIX-2316275 Datasheet
103Kb / 8P
I/O extension module - RAD-NAM4-IFS
09/12/2020
logo
Schneider Electric
SR3XT101B SCHNEIDER-SR3XT101B_V01 Datasheet
341Kb / 6P
Discrete I/O extension module, Zelio Logic, 10 I/O, 24 V AC
Mar 23, 2022
SR3XT101JD SCHNEIDER-SR3XT101JD Datasheet
258Kb / 6P
Discrete I/O extension module, Zelio Logic, 10 I/O, 12 V DC
Mar 23, 2022
SR3XT61B SCHNEIDER-SR3XT61B_V01 Datasheet
307Kb / 6P
Discrete I/O extension module, Zelio Logic, 6 I/O, 24 V AC
Mar 23, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com