Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-40310 Datasheet(PDF) 2 Page - TDK Electronics

Part # ICS-40310
Description  Analog Output MEMS Microphone Flex Evaluation Board User Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ICS-40310 Datasheet(HTML) 2 Page - TDK Electronics

  ICS-40310 Datasheet HTML 1Page - TDK Electronics ICS-40310 Datasheet HTML 2Page - TDK Electronics ICS-40310 Datasheet HTML 3Page - TDK Electronics ICS-40310 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UG-325
Document Number: AN-000013
Page 2 of 4
Revision: 1.4
Rev Date: 03/26/2015
Figure 3. Evaluation Board Dimensions in Millimeters (Wires Not
Included)
BOTTOM PORT EVALUATION BOARD
PHOTOGRAPH
Figure 4. Top and Bottom View
TOP PORT EVALUATION BOARD PHOTOGRAPH
Figure 5. Top View
3.14mm
15mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com