Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-40310 Datasheet(PDF) 1 Page - TDK Electronics

Part # ICS-40310
Description  Analog Output MEMS Microphone Flex Evaluation Board User Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ICS-40310 Datasheet(HTML) 1 Page - TDK Electronics

  ICS-40310 Datasheet HTML 1Page - TDK Electronics ICS-40310 Datasheet HTML 2Page - TDK Electronics ICS-40310 Datasheet HTML 3Page - TDK Electronics ICS-40310 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UG-325
Analog Output MEMS Microphone Flex Evaluation Board User Guide
InvenSense reserves the right to change the detail
specifications as may be required to permit improvements
in the design of its products.
InvenSense Inc.
1745 Technology Drive, San Jose, CA 95110 U.S.A
+1(408) 988–7339
www.invensense.com
Document Number: AN-000013
Revision: 1.4
Release Date: 03/26/2015
GENERAL DESCRIPTION
This user guide applies to the following MEMS microphone
evaluation boards:
EV_INMP404-FX
EV_INMP405-FX
EV_INMP504-FX
EV_INMP510-FX
EV_ICS-40180-FX
EV_ICS-40181-FX
EV_ICS-40310-FX
This is a simple evaluation board that allows quick evaluation
of the performance of single-ended analog MEMS
microphones. The small size and low profile of the flexible
PCB enables direct placement of the microphone into a
prototype or an existing design for an in situ evaluation. The
evaluation board consists of a bottom port microphone
soldered to a flexible PCB with color-coded wires attached.
The only other component on the board is a 0.1 μF supply
bypass capacitor.
Table 1 describes the functions of the three connection wires.
Table 2 describes the functional differences between the
different microphones that are used with this flex circuit.
TABLE 1. PIN FUNCTION DESCRIPTIONS
Wire
Color
Microphone
Pin
Description
Red
VDD
Power Supply. 1.5 V DC to 3.6 V DC;
(0.9 V DC to 1.3 V DC for ICS-40310)
White
OUTPUT
Analog Output Signal
Black
GND
Ground
TABLE 2. MICROPHONE FUNCTIONAL
DIFFERENCES
Microphone
Maximum
Supply
Current
Maximum
Output
Voltage
Output
Impedance
DC
Offset
INMP404
250 µA
0.18 V rms
200 Ω
0.8 V
INMP405
250 µA
0.18 V rms
200 Ω
0.8 V
INMP504
225 µA
0.18 V rms
200 Ω
0.8 V
INMP510
250 µA
0.40 V rms
350 Ω
0.7 V
ICS-40180
260 µA
0.40 V rms
350 Ω
0.7 V
ICS-40181
250 µA
0.40 V rms
350 Ω
0.7 V
ICS-40310
25 µA
0.12 V rms
4.5 kΩ
0.57 V
EVALUATION BOARD CIRCUIT
Figure 1 shows the schematic of the evaluation board, and
Figure 2 shows the flex board layout. See the respective
microphone data sheets for complete descriptions and
specifications of the microphones. Note that the layout for
the EV_ICS-40181-FX differs slightly from what is shown in
Figure 2 because of this part’s different package footprint,
but the routing of the three signals is consistent.
Figure 1. Evaluation Board Schematic
Figure 2. Evaluation Board Layout (Top View)
VDD
0.1µF
OUTPUT
GND
MICROPHONE


Similar Part No. - ICS-40310

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICS-40310 TDK-ICS-40310 Datasheet
410Kb / 14P
Ultra-low Current, Low-Noise Microphone with Analog Output
More results

Similar Description - ICS-40310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-326 AD-UG-326 Datasheet
101Kb / 2P
EVAL-ADMP521Z-FLEX Bottom-Ported, Digital Output, MEMS Microphone Evaluation Board
REV. 0
UG-445 AD-UG-445 Datasheet
145Kb / 2P
EVAL-ADMP411Z-FLEX: Bottom-Ported Analog Output MEMS Microphone Evaluation Board
REV. 0
logo
TDK Electronics
AN-000001 TDK-AN-000001 Datasheet
221Kb / 5P
Output MEMS Microphone Flex Evaluation Boards
AN-000012 TDK-AN-000012 Datasheet
212Kb / 4P
Differential Analog Output MEMS Microphone Flex Evaluation Board
AN-000013 TDK-AN-000013 Datasheet
161Kb / 4P
Analog Output MEMS Microphone Flex Evaluation Board
AN-000048 TDK-AN-000048 Datasheet
145Kb / 3P
PDM Digital Output MEMS Microphone Flex Evaluation Board
AN-000088 TDK-AN-000088 Datasheet
146Kb / 3P
I2S Output MEMS Microphone Flex Evaluation Board
UG-126 TDK-UG-126 Datasheet
140Kb / 2P
Bottom Port Analog MEMS Microphone Evaluation Board
UG-445 TDK-UG-445 Datasheet
173Kb / 2P
Analog Output MEMS Microphone Flex Evaluation Board User Guide
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
Evaluation Board User Guide
Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com