Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PG1N-RX10 Datasheet(PDF) 1 Page - Elite Enterprises (H.K.) Co., Ltd.

Part # PG1N-RX10
Description  10째 viewing angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELITE [Elite Enterprises (H.K.) Co., Ltd.]
Direct Link  http://www.elite-ent.com.hk/main.php?lang=eng
Logo ELITE - Elite Enterprises (H.K.) Co., Ltd.

PG1N-RX10 Datasheet(HTML) 1 Page - Elite Enterprises (H.K.) Co., Ltd.

  PG1N-RX10 Datasheet HTML 1Page - Elite Enterprises (H.K.) Co., Ltd. PG1N-RX10 Datasheet HTML 2Page - Elite Enterprises (H.K.) Co., Ltd. PG1N-RX10 Datasheet HTML 3Page - Elite Enterprises (H.K.) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ProLight PG1N-RX10
PG1N-RY10
Reflector
Technical Datasheet
Version: 2.0
Features
●
10° viewing angle
●
Works with all ProLight products
Typical Applications
●
Torch light
●
Reading lights (car, bus, aircraft)
●
Portable (flashlight, bicycle)
●
Mini-accent / Decorative / Fiber Optics Alternative
●
Undershelf / Task Lighting
●
Indoor and Outdoor Commercial and Residential Architectural lighting
1
Technology Corporation


Similar Part No. - PG1N-RX10

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
PG1N-1LFE ELITE-PG1N-1LFE Datasheet
571Kb / 14P
1W RGB Power LED
PG1N-3LFE ELITE-PG1N-3LFE Datasheet
614Kb / 15P
3W RGB Power LED
PG1N-3N06 ELITE-PG1N-3N06 Datasheet
160Kb / 3P
Collimator
PG1N-3N15 ELITE-PG1N-3N15 Datasheet
160Kb / 3P
Collimator
PG1N-3N25 ELITE-PG1N-3N25 Datasheet
205Kb / 3P
Collimator
More results

Similar Description - PG1N-RX10

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHBM2012LQBDSURKC KINGBRIGHT-APHBM2012LQBDSURKC Datasheet
328Kb / 6P
Wide viewing angle
APHBM2012LVBDSEKJ3C KINGBRIGHT-APHBM2012LVBDSEKJ3C Datasheet
314Kb / 6P
Wide viewing angle
APB3227SEKCGKC KINGBRIGHT-APB3227SEKCGKC Datasheet
277Kb / 6P
Wide viewing angle
APTB1612CGKQWDF KINGBRIGHT-APTB1612CGKQWDF Datasheet
293Kb / 8P
Wide viewing angle
APTB1612LQBDCGKC KINGBRIGHT-APTB1612LQBDCGKC Datasheet
311Kb / 6P
Wide viewing angle
APTB1612LSURKCGKC KINGBRIGHT-APTB1612LSURKCGKC Datasheet
290Kb / 6P
Wide viewing angle
APTB1612LVBDSEKJ3C KINGBRIGHT-APTB1612LVBDSEKJ3C Datasheet
315Kb / 6P
Wide viewing angle
APTB1612SURKQWDF-AMT KINGBRIGHT-APTB1612SURKQWDF-AMT Datasheet
376Kb / 9P
Wide viewing angle
APTB1612SYKQWDF KINGBRIGHT-APTB1612SYKQWDF Datasheet
294Kb / 8P
Wide viewing angle
logo
Vishay Siliconix
TLHK4400L VISHAY-TLHK4400L Datasheet
169Kb / 6P
Wide viewing angle
06-Jun-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com