Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PG1N-RX10 Datasheet(PDF) 3 Page - Elite Enterprises (H.K.) Co., Ltd.

Part # PG1N-RX10
Description  10째 viewing angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELITE [Elite Enterprises (H.K.) Co., Ltd.]
Direct Link  http://www.elite-ent.com.hk/main.php?lang=eng
Logo ELITE - Elite Enterprises (H.K.) Co., Ltd.

PG1N-RX10 Datasheet(HTML) 3 Page - Elite Enterprises (H.K.) Co., Ltd.

  PG1N-RX10 Datasheet HTML 1Page - Elite Enterprises (H.K.) Co., Ltd. PG1N-RX10 Datasheet HTML 2Page - Elite Enterprises (H.K.) Co., Ltd. PG1N-RX10 Datasheet HTML 3Page - Elite Enterprises (H.K.) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Representative Spatial Radiation Pattern
Lambertian Radiation Pattern
3
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-100
-80
-60
-40
-20
0
20
40
60
80
100
Angular Displacement(Degree)
Figure 1. Representative Spatial Radiation for ProLight WHITE
color emitter with PG1N-RX10 and PG1N-RY10
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-100
-80
-60
-40
-20
0
20
40
60
80
100
Angular Displacement(Degree)
Figure 2. Representative Spatial Radiation for ProLight RED,
GREEN and BLUEcoloremitter with PG1N-RX10 and PG1N-RX10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com