Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6B11 Datasheet(PDF) 1 Page - Analog Devices

Part # 6B11
Description  Isolated, Field Configurable Analog Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

6B11 Datasheet(HTML) 1 Page - Analog Devices

  6B11 Datasheet HTML 1Page - Analog Devices 6B11 Datasheet HTML 2Page - Analog Devices 6B11 Datasheet HTML 3Page - Analog Devices 6B11 Datasheet HTML 4Page - Analog Devices 6B11 Datasheet HTML 5Page - Analog Devices 6B11 Datasheet HTML 6Page - Analog Devices 6B11 Datasheet HTML 7Page - Analog Devices 6B11 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Isolated, Field Configurable Analog Input
6B11 / 6B11HV
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Single-channel isolated signal-conditioning modules.
Accepts outputs from Thermocouple, millivolt, volt and
current signals.
Complete microcomputer-based data acquisition systems.
Can be remotely reconfigured for various sensor types and
input ranges.
APPLICATIONS
Process Monitoring & Control
Test Stand Automation
Machine Monitoring
Material Testing
Remote Energy Mangement
Laboratory Data Acquisition
PRODUCT OVERVIEW
The 6B Series delivers sensor-to-host signal-conditioning for
remote applications. Software-configurable for a wide variety of
sensor types, including: analog input, analog output, and digital
I/O, the 6B Series is intended for remote data acquisition,
machine monitoring, remote energy management and process
monitoring and control applications.
Including transformer-based isolation, ranging, linearization,
A/d conversion and RS-232C/RS-485 serial communication for
up to 256 channels per serial port, the 6B Series modules and
boards are a complete, low-cost interface between computers
and analog signals.
All 6B Series input/output modules are fully encapsulated and
identical in pin-out and size, facilitating their ability to be mixed
and matched with all other 6B Series modules on the same
backplane. The 6B Series is fully rated over the industrial
temperature range of -25oC to +85oC.
Each 6B Series module and board is a complete
microcontroller-based process monitoring and control system,
with all calibration, address and linearizing parameters stored in
non-volatile memory. Being microcontroller-based, 6b Series
modules can be configured for various sensor types, including
RTD and thermocouple, and a wide variety of input ranges. This
reduces the number of different modules that need to be used
in a given application and carried in inventory.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. 6B11 & 6B11HV Functional Block Diagram
Designed for industrial applications, the 6B Series modules
incorporate transformer-based isolation with surface-mount
manufacturing technology – providing increased reliability at
low cost. The compact, rugged 6B Series analog modules can be
mixed and matched on a 16-channel backplane for high density,
remote process monitoring and control.
Communications between backplanes, modules and host is in
ASCII over an RS-232C link or RS-485 bi-directional serial bus.
Circuitry to convert RS-232C to RS485 is built into the 6B
backplane. Baud rates are software programmable, with speeds
up to 19.2 K Baud.
The 6B Series digital subsystem communication is compatible
with the overall 6B Series communication protocol. Each digital
I/O board can be configured for its address, baud rate and
checksum status. Connection to the 16 and 24-channel solid
state relay backplanes is by a 50-conductor ribbon cable. This
enables interfacing with input and outputs from 4 V to 240 V.
Power control modules are also available that can switch up to
3A and come with a variety of ratings for low voltage DC up to
280 VAC.


Similar Part No. - 6B11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
6B11HV AD-6B11HV_15 Datasheet
421Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B11 AD-6B11_15 Datasheet
421Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
More results

Similar Description - 6B11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
6B21 AD-6B21 Datasheet
361Kb / 8P
Isolated, Field Configurable Analog Input
6B50-1 AD-6B50-1 Datasheet
488Kb / 8P
Isolated, Field Configurable Digital I/O
6B11 AD-6B11_15 Datasheet
421Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B11HV AD-6B11HV_15 Datasheet
421Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B12 AD-6B12_15 Datasheet
372Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B12HV AD-6B12HV_15 Datasheet
372Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B13HV AD-6B13HV_15 Datasheet
374Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B13 AD-6B13_15 Datasheet
374Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B21 AD-6B21_15 Datasheet
362Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B50-1 AD-6B50-1_15 Datasheet
489Kb / 8P
Isolated, Field Configurable Digital I/O
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com