Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K2T-4MP Datasheet(PDF) 1 Page - FOTEK CONTROLS CO., LTD.

Part # K2T-4MP
Description  Compact standard Photo-electric sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

K2T-4MP Datasheet(HTML) 1 Page - FOTEK CONTROLS CO., LTD.

  K2T-4MP Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. K2T-4MP Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F O T E K
Compact standard
Photo-electric sensor
堅固標準型
光電感測器
◆
Model / 型號
CE RoHS
Operating
Type
Model
Output
method
Sensing
distance
Connection
method
Emitter
LED
Sensing
adjuster
Response
time
Voltage Current
K2R-10NE
NPN
K2R-10PE
PNP
150mm
Lead wire
Red LED
K2R-10N
NPN
K2R-10P
PNP
150mm
K2R-30N
NPN
K2R-30P
PNP
400mm
Lead wire
Infrared LED
K2R-10NE-PG
NPN
K2R-10PE-PG
PNP
150mm
M8
Lead wire
Red LED
K2R-10N-PG
NPN
K2R-10P-PG
PNP
150mm
K2R-30N-PG
NPN
K2R-30P-PG
PNP
400mm
M8
Lead wire
Infrared LED
270°
Trimmer
1ms
10~30Vdc
30mA
Max.
K2G-2MNE*
NPN
K2G-2MPE*
PNP
2.0m
Lead wire
Red LED
K2G-3MN
NPN
K2G-3MP
PNP
3.0m
Lead wire
Infrared LED
K2G-2MNE-PG
NPN
K2G-2MPE-PG
PNP
2.0m
M8
Lead wire
Red LED
K2G-3MN-PG*
NPN
K2G-3M-PG*
PNP
3.0m
M8
Lead wire
Infrared LED
Non
1ms
10~30Vdc
25mA
Max.
K2T-4MN
NPN
K2T-4MP
PNP
4.0m
Lead wire
Red LED
K2T-15MN
NPN
K2T-15MP
PNP
15.0m
Lead wire
Infrared LED
K2T-4MN-PG
NPN
K2T-4MP-PG
PNP
4.0m
M8
Lead wire
Red LED
K2T-15MN-PG
NPN
K2T-15MP-PG
PNP
15.0m
M8
Lead wire
Infrared LED
Non
2ms
10~30Vdc
Emitter
<
20mA
Receiver
<
20mA.
*
With Polarized filter


Similar Description - K2T-4MP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS816 TOSHIBA-TPS816 Datasheet
145Kb / 6P
LEAD FREE PRODUCT PHOTO-ELECTRIC SWITCHES
logo
NXP Semiconductors
3534 PHILIPS-3534 Datasheet
319Kb / 2P
PHOTO ELECTRIC CELL
logo
TOKYO SEIMITSU CO., LTD
MINICOM-M ACCRETECH-MINICOM-M Datasheet
164Kb / 1P
Compact Electric Micrometers
logo
FOTEK CONTROLS CO., LTD...
FR-1MX FOTEK-FR-1MX Datasheet
2Mb / 2P
STANDARD TYPE PHOTO SENSOR
PH07-03N FOTEK-PH07-03N Datasheet
963Kb / 3P
Photo sensor
logo
Schneider Electric
XUVR0608NBNM8 SCHNEIDER-XUVR0608NBNM8 Datasheet
111Kb / 4P
photo-electric sensor - XUV - fork - 80X60mm - 12..24VDC - M8
Dec 7, 2020
XUB4BPANM12 SCHNEIDER-XUB4BPANM12 Datasheet
98Kb / 5P
photo-electric sensor - XUB - diffuse - Sn 0.1m - 12..24VDC - M12
Aug 10, 2019
XUM0APSAL2 SCHNEIDER-XUM0APSAL2 Datasheet
147Kb / 6P
photo-electric sensor - XUM - multi - Sn 0..10m - 12..24VDC - cable 2m
Aug 11, 2019
XUM5APCNM8 SCHNEIDER-XUM5APCNM8 Datasheet
120Kb / 6P
photo-electric sensor - XUM - diffuse - Sn 1m - 12..24VDC - M8
Aug 11, 2019
XUX0AKSAM12 SCHNEIDER-XUX0AKSAM12 Datasheet
138Kb / 7P
photo-electric sensor - XUX - multi - Sn 0..40m - 12..24VDC - M12
Aug 11, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com