Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K2T-4MP Datasheet(PDF) 2 Page - FOTEK CONTROLS CO., LTD.

Part # K2T-4MP
Description  Compact standard Photo-electric sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

K2T-4MP Datasheet(HTML) 2 Page - FOTEK CONTROLS CO., LTD.

  K2T-4MP Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. K2T-4MP Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆
General Specification / 共同規格
Specification
Data
Connection diagram
Operating voltage
10 ~ 30VDC
Ripple of power
20﹪peak to peak
Output method
NPN or PNP
Output status
Light ON / Dark ON changeable
Output current
150mA max.
Residual voltage
0.1V max.
NPN
Leakage current
0.8mA max.
Protection circuit
Short circuit & polarity reversed protection
Housing material
Housing:Intensive PBT;Lenz:PMMA
Illumination
Lamp light<10,000Lux;Sunlight<20,000Lux
Noise resistance
2kv /1μs
Dielectric strength
2.5kv / 1 minute min.
PNP
Insulation strength
100 MΩ / 500vdc
Operating circumstance
-20℃ ~ +80℃;35% ~ 85% RH
Protection class
IP-66
Approval
CE / UL / RoHS
Output status
NO:White wire is opened
NC:White wire is connected to「0V」
◆
Dimension / 外形尺寸圖
Lead wire & M8 Lead wire
Fixed bracket
18 .0 0
21 .00
2-M 3 X0 .5
K2 R& K2 G
K2 T
M8 Le a d w ire
Lead w ire
L:3 .0 m
L:1 5 .0 cm
12 .0 0
13.00
11.00
15.00
1.00
12 .00
4.00
21.00
T= 1.20
12.00
2 - 3 .2
Mirror
MR-1
Mirror
MR-2
Mirror
MR-3
Mirror
MR-4
M8 Connecting
M8-4C-□m
3
4
2
1
31.00
"A"
"C"
"B"
9.0
4.0
1#:Brown(棕)
2#:White(白)
3#:Blue(青)
4#:Black(黑)
Copy right @FOTEK CONTROLS CO., LTD. 2010/1/10
FOTEK CONTROLS CO., LTD.
陽明電機股份有限公司
Specification may be modified without notice in advance.
規格變更恕不事先通知!
B - □□



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com