Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-O2W-H Datasheet(PDF) 1 Page - FOTEK CONTROLS CO., LTD.

Part # MS-O2W-H
Description  AT MARK SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

MS-O2W-H Datasheet(HTML) 1 Page - FOTEK CONTROLS CO., LTD.

  MS-O2W-H Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. MS-O2W-H Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. MS-O2W-H Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
21
22
MS-02W
AT MARK SENSOR
series
MS-02W
series
AT MARK SENSOR
HIGH SPEED RESPONSE 5 Khz
EASY TO SET OPTIMUN DETECTING
STATUS WITH SENSITIVITY &
EMITTING AUTOTUNNING
WHITE LIGHT EMITTER EASY TO DETECT
THE RED OR GREEN MARK
CO-AXIAL DETECTER DETECTS THE MARK
MORE STABLE
DARK ON/LIGHT ON CHANGEABLE
NPN & PNP TWO OUTPUT
Specification
Type
Model
Setting distance
Emitter
Light spot
Operating voltage
Current consumption
Output method
Output status
Output current
Leakage current
Residual voltage
Protection circuit
Illumination
Connection method
Housing material
Protection class
Circumstance
Response time
MS-02W
MS-O2W-H
MS-02W-M12
MS-02W-H-M12
LEAD WIRE
M12 CONNECTER
M12 x 1.0
Lamplight <5,000Lux; Sunlight < 10,000Lux
10-30 VDC;Ripple < 20% of peak to peak
150 mA max.
Short Circuit & Polarity Reversed Protection
0.2 mS
0.1 mS
0.2 mS
0.1 mS
25.0 2.0 mm
+
_
40 mA max.
NPN & PNP two output
NO or NC Changeable
White Light Led
0.8 mA max.
0.8 V max.
Intensive PBT
Ip-65
-20
+ 60
; 35%
85 % RH


Similar Part No. - MS-O2W-H

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
MS-0020 AKM-MS-0020 Datasheet
101Kb / 3P
Shipped in tray (225pcs per pack)
MS-0030 AKM-MS-0030 Datasheet
428Kb / 8P
Semiconductor Magnetoresistive Element
MS-0040 AKM-MS-0040 Datasheet
102Kb / 3P
Shipped in tray (225 pcs per pack)
MS-0041 AKM-MS-0041 Datasheet
222Kb / 7P
Semiconductor Magnetoresistive Element
MS-0042 AKM-MS-0042 Datasheet
506Kb / 8P
Semiconductor Magnetoresistive Element
More results

Similar Description - MS-O2W-H

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103K RICOH-RP103K Datasheet
26Kb / 1P
MARK INFORMATIONS SERIES MARK SPECIFICATION
RP103N RICOH-RP103N Datasheet
24Kb / 1P
MARK INFORMATIONS SERIES MARK SPECIFICATION
R5511H RICOH-R5511H Datasheet
24Kb / 1P
MARK INFORMATION ME-R5511H-0510 R5511H SERIES MARK SPECIFICATION
RP102N121B RICOH-RP102N121B Datasheet
25Kb / 1P
MARK SPECIFICATION
logo
List of Unclassifed Man...
627 ETC2-627 Datasheet
61Kb / 1P
CE-Mark Approval
logo
FOTEK CONTROLS CO., LTD...
FM-01R FOTEK-FM-01R Datasheet
285Kb / 2P
MARK SENSOR
SU-07 FOTEK-SU-07 Datasheet
750Kb / 1P
U TYPE MARK & LABEL SENSOR
logo
Banner Engineering Corp...
R58B BANNER-R58B Datasheet
1Mb / 8P
R58B Registration Mark Sensor
logo
Pepperl+Fuchs Inc.
DK12-11-5215 PF-DK12-11-5215 Datasheet
1Mb / 5P
Print mark contrast sensor
logo
Omron Electronics LLC
E3M-V OMRON-E3M-V Datasheet
1Mb / 12P
Mark Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com