Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-O2W-H Datasheet(PDF) 2 Page - FOTEK CONTROLS CO., LTD.

Part # MS-O2W-H
Description  AT MARK SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

MS-O2W-H Datasheet(HTML) 2 Page - FOTEK CONTROLS CO., LTD.

  MS-O2W-H Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. MS-O2W-H Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. MS-O2W-H Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
21
22
MS-02W
AT MARK SENSOR
series
MS-02W
series
AT MARK SENSOR
HIGH SPEED RESPONSE 5 Khz
EASY TO SET OPTIMUN DETECTING
STATUS WITH SENSITIVITY &
EMITTING AUTOTUNNING
WHITE LIGHT EMITTER EASY TO DETECT
THE RED OR GREEN MARK
CO-AXIAL DETECTER DETECTS THE MARK
MORE STABLE
DARK ON/LIGHT ON CHANGEABLE
NPN & PNP TWO OUTPUT
Specification
Type
Model
Setting distance
Emitter
Light spot
Operating voltage
Current consumption
Output method
Output status
Output current
Leakage current
Residual voltage
Protection circuit
Illumination
Connection method
Housing material
Protection class
Circumstance
Response time
MS-02W
MS-O2W-H
MS-02W-M12
MS-02W-H-M12
LEAD WIRE
M12 CONNECTER
M12 x 1.0
Lamplight <5,000Lux; Sunlight < 10,000Lux
10-30 VDC;Ripple < 20% of peak to peak
150 mA max.
Short Circuit & Polarity Reversed Protection
0.2 mS
0.1 mS
0.2 mS
0.1 mS
25.0 2.0 mm
+
_
40 mA max.
NPN & PNP two output
NO or NC Changeable
White Light Led
0.8 mA max.
0.8 V max.
Intensive PBT
Ip-65
-20
+ 60
; 35%
85 % RH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com