Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2500 Datasheet(PDF) 2 Page - MKS Instruments.

Part # AX2500
Description  mODEL ax2500 sERIES iNTELLIGENT mICROWAVE pOWER GENERATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

AX2500 Datasheet(HTML) 2 Page - MKS Instruments.

  AX2500 Datasheet HTML 1Page - MKS Instruments. AX2500 Datasheet HTML 2Page - MKS Instruments. AX2500 Datasheet HTML 3Page - MKS Instruments. AX2500 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
All generators share a common, modular architecture and
accurate power measurement, feedback and control for
increased process control and reproduceability. All models
have feedback-controlled power regulation of 0.1% of
output power (line and load) and ripple of <±1% of output
power. PrecisionPower™ technology (derived from MKS
patented SmartMatch™ intelligent microwave matching
unit) improves accuracy of power control to <±1.5% of
maximum power for increasing process consistency and
yield. In addition, the PrecisionPower™ technology allows
magnetrons to be replaced in the field, substantially
reducing cost of ownership.
The AX2500 Series SmartPower® control technology
monitors the generator’s operating system and provides
power shutdown protection and intelligent diagnostics. The
simple messages displayed on the SmartPower® generator
front panel give the user all the information needed to
understand system status, reduce MTTR and ensure
maximum uptime.
Power Accuracy —
SmartPower® generator microwave power accuracy during plasma
operation. Forward power within ±1.5% of maximum power. Tests performed
using AX7610 applicator. Reflected power minimized with SmartMatch to
less than 1% in less than 2 sec.
AC
DC
µW
µW
Radicals
Power Control Feedback
Precision
Power
Detector
SmartMatch
Plasma
Source
Magnetron
Head
SmartPower
Isolator
Microwave Plasma Subsystem



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com