Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2500 Datasheet(PDF) 3 Page - MKS Instruments.

Part # AX2500
Description  mODEL ax2500 sERIES iNTELLIGENT mICROWAVE pOWER GENERATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

AX2500 Datasheet(HTML) 3 Page - MKS Instruments.

  AX2500 Datasheet HTML 1Page - MKS Instruments. AX2500 Datasheet HTML 2Page - MKS Instruments. AX2500 Datasheet HTML 3Page - MKS Instruments. AX2500 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Overall systems
Power Output
AX2518: 180 W to 1.8 kW
AX2530: 300 W to 3.0 kW
Frequency
2440 - 2470 MHz
Regulation
Better than 1% of output power (line and load)
Ripple
AX2518: ±1% of output power
AX2530: ±1% of output power
Output Accuracy
AX2518: ±1.5% (from 20-100% of max. power)
AX2530: ±1.5% (from 20-100% of max. power)
Ambient Temperature
Up to 40°C maximum
Generator to Head Distance
Up to 100 feet maximum
Microwave Connections
WR284F waveguide with CPR284F flanges
Remote Control
Analog, RS485, DeviceNet™
AC Power Input
200/208 VAC ±10%, 3 phase, 50/60 Hz
Compliance
CE (option configuration), ETL, SEMI F47, SEMI S2-93A
Generator (ax2518ps, ax2530ps)
Size
7.0''H x 19''W x 23''L (178 x 483 x 584mm)
Cooling
Water, 1.5 gpm, 30°C maximum @ 30 psid minimum
power Heads
AX2518RH, AX2530RH
10''H x 7.62''W x 14.5''D (254 x 193.5 x 368.3mm)
Cooling
Water, air



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com