Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7652 Datasheet(PDF) 6 Page - Exar Corporation

Part # MP7652
Description  4-Channel Voltage Output 15 MHz, Input Bandwidth, 8-Bit Multiplying DACs with 3-Wire Serial Digital Port and Independent References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7652 Datasheet(HTML) 6 Page - Exar Corporation

Back Button MP7652 Datasheet HTML 2Page - Exar Corporation MP7652 Datasheet HTML 3Page - Exar Corporation MP7652 Datasheet HTML 4Page - Exar Corporation MP7652 Datasheet HTML 5Page - Exar Corporation MP7652 Datasheet HTML 6Page - Exar Corporation MP7652 Datasheet HTML 7Page - Exar Corporation MP7652 Datasheet HTML 8Page - Exar Corporation MP7652 Datasheet HTML 9Page - Exar Corporation MP7652 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP7652
6
Rev. 1.00
Figure 1. Serial Data Timing and Loading
Figure 2. Detail Serial Data Input Timing
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SDI
(Data In)
1
0
CLK
1
0
1
0
DAC Register
Loaded
Figure 3. PRESET Operation
VOUT
SDI
1
0
CLK
1
0
1
0
VOUT
SDO
1
0
tDS
tCH
tCL
tDH
tPD
tLDSU
tHZ2
tLDCK1
tLD
tSD
tLDCK2
HIGH Z
+ 1/2 LSB BAND
1
0
VO = VREF
VOUT = 1/2 (VREFP – VREFN) + VREFN
+ 1/2 LSB ERROR BAND
tRST
tSD
tHZ1
tCKLD2
tCKLD1
LD
LD
(PRESET = “High” or open)
(PRESET = “High” or open)
PRESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com