Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7652 Datasheet(PDF) 8 Page - Exar Corporation

Part # MP7652
Description  4-Channel Voltage Output 15 MHz, Input Bandwidth, 8-Bit Multiplying DACs with 3-Wire Serial Digital Port and Independent References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7652 Datasheet(HTML) 8 Page - Exar Corporation

Back Button MP7652 Datasheet HTML 4Page - Exar Corporation MP7652 Datasheet HTML 5Page - Exar Corporation MP7652 Datasheet HTML 6Page - Exar Corporation MP7652 Datasheet HTML 7Page - Exar Corporation MP7652 Datasheet HTML 8Page - Exar Corporation MP7652 Datasheet HTML 9Page - Exar Corporation MP7652 Datasheet HTML 10Page - Exar Corporation MP7652 Datasheet HTML 11Page - Exar Corporation MP7652 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP7652
8
Rev. 1.00
DAC Output Voltage
VOUTi = VREFNi + (VREFPi – VREFNi ) (
)
A1
A0
LD
CLK
Table 1. Digital Function Truth Table
Serial In/Serial Out
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
D
256
0000
0
0
00
(
1
)
256
1111
1
1
10
1111
1
1
11
000
Table 2. DAC Transfer Function
Analog Output vs. Digital Code
00
00
1
SDI
SDO
(VREFP – VREFN)+ VREFN
()
256
(VREFP – VREFN)+ VREFN
()
256
(VREFP – VREFN)+ VREFN
255
254
VREFN
0
X
X
X
X
X
X
Preset all DACs to
1/2 (VREFP + VREFN)
1
Data In
0
→1
1
X
X
Last bit
Shift data in and out
of shift reg.
1
X
X
0
0
0
Hi-Z
DAC 1 Transparent
1X
X
0
→1
0
0
Last bit
DAC 1 Latched
of shift reg.
1
X
X
0
0
1
Hi-Z
DAC 2 Transparent
1X
X
0
→1
0
1
Last bit
DAC 2 Latched
of shift reg.
1
X
X
0
1
0
Hi-Z
DAC 3 Transparent
1X
X
0
→1
1
0
Last bit
DAC 3 Latched
of shift reg.
1
X
X
0
1
1
Hi-Z
DAC 4 Transparent
1X
X
0
→1
1
1
Last bit
DAC 4 Latched
of shift reg.
PRESET
Operation
Inputs
Internal
Address
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com