Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7652AS Datasheet(PDF) 11 Page - Exar Corporation

Part # MP7652AS
Description  4-Channel Voltage Output 15 MHz, Input Bandwidth, 8-Bit Multiplying DACs with 3-Wire Serial Digital Port and Independent References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7652AS Datasheet(HTML) 11 Page - Exar Corporation

Back Button MP7652AS Datasheet HTML 7Page - Exar Corporation MP7652AS Datasheet HTML 8Page - Exar Corporation MP7652AS Datasheet HTML 9Page - Exar Corporation MP7652AS Datasheet HTML 10Page - Exar Corporation MP7652AS Datasheet HTML 11Page - Exar Corporation MP7652AS Datasheet HTML 12Page - Exar Corporation MP7652AS Datasheet HTML 13Page - Exar Corporation MP7652AS Datasheet HTML 14Page - Exar Corporation MP7652AS Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP7652
11
Rev. 1.00
µPC
DATA
LD
CLK
SDI LD
SDO
SDI LD
SDO
SDI LD
SDO
IC (1)
IC (2)
IC (n)
VRP1
VOI1
44
VRP2
VOI2
VRPN
VOIN
44
4
4
Figure 8. Simplified Diagram
Configuration A
µPC
DATA
CS OR LD
CLK
DATA OUT
n
SDI LD
SDO
#1
IC (1)
IC (2)
IC (n)
SDI LD
SDO
SDI LD
SDO
44
44
4
4
VRP1
VOI1
VRP2
VOI2
VRPN
VOIN
#2
#n
Figure 9. Simplified Diagram
Configuration B
MP7652
MP7652
MP7652
MP7652
MP7652
MP7652
µPC
(SDI) DATA IN
CLK
ADDRESS
WR
SDO
n
1
2
2n
SDI LD
SDO
IC (1)
SDI LD
SDO2
IC (2)
SDI LD SDOm
IC (m)
Figure 10. Simplified Diagram
Configuration C
MP7652
MP7652
MP7652
VRN1
VRN2
VRNN
VRN1
VRN2
VRNN
VRN1
VRN2
VRNN
44
VRP1
VOI1
44
VRP2
VOI2
44
VRPN
VOIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com