Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7652AS Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7652AS
Description  4-Channel Voltage Output 15 MHz, Input Bandwidth, 8-Bit Multiplying DACs with 3-Wire Serial Digital Port and Independent References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7652AS Datasheet(HTML) 3 Page - Exar Corporation

  MP7652AS Datasheet HTML 1Page - Exar Corporation MP7652AS Datasheet HTML 2Page - Exar Corporation MP7652AS Datasheet HTML 3Page - Exar Corporation MP7652AS Datasheet HTML 4Page - Exar Corporation MP7652AS Datasheet HTML 5Page - Exar Corporation MP7652AS Datasheet HTML 6Page - Exar Corporation MP7652AS Datasheet HTML 7Page - Exar Corporation MP7652AS Datasheet HTML 8Page - Exar Corporation MP7652AS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP7652
3
Rev. 1.00
PIN CONFIGURATIONS
24 Pin PDIP (0.300”)
NN24
VREFN1
DGND
24 Pin SOIC (Jedec, 0.300”)
S24
N/C
VDD
VCC
VEE
VREFP1
VREFP2
VOUT2
PRESET
LD
VREFP4
VREFP3
VOUT3
VOUT1
CLK
SDO
SDI
VOUT4
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
11
14
12
13
24
1
13
12
2
3
4
5
6
7
15
14
17
16
8
9
19
18
10
11
23
22
21
20
N/C
VREFN2
N/C
VREFN4
VREFN3
PRESET
LD
VREFP4
VREFP3
VOUT3
CLK
SDO
SDI
VOUT4
N/C
VREFN4
VREFN3
VREFN1
DGND
N/C
VDD
VCC
VEE
VREFP1
VREFP2
VOUT2
VOUT1
N/C
VREFN2
PIN OUT DEFINITIONS
1
N/C
No Connection
2
N/C
No Connection
3VDD
Digital Positive Supply
4VCC
Analog Positive Supply
5VEE
Analog Negative Supply
6
DGND
Digital Ground
7VREFN1
DAC 1 Negative Reference Input
8VOUT1
DAC 1 Output
9VREFP1
DAC 1 Positive Reference Input
10
VREFP2
DAC 2 Positive Reference Input
11
VOUT2
DAC 2 Output
12
VREFN2
DAC 2 Negative Reference Input
13
VREFN3
DAC 3 Negative Reference Input
PIN NO.
NAME
DESCRIPTION
14
VOUT3
DAC 3 Output
15
VREFP3
DAC 3 Positive Reference Input
16
VREFP4
DAC 4 Positive Reference Input
17
VOUT4
DAC 4 Output
18
VREFN4
DAC 4 Negative Reference Input
19
SDI
Serial Data and Address Input
20
SDO
Serial Data Output
21
CLK
Shift Register Clock Input
22
LD
Load Data to Selected DAC
23
PRESET
Preset all DACs to 1/2
(VREF – VREFN). PRESET is
internally connected to VDD
through 300 k
Ω.
24
N/C
No Connection
PIN NO.
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com